Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 6Page - Texas Instruments DLP2000 Datasheet HTML 7Page - Texas Instruments DLP2000 Datasheet HTML 8Page - Texas Instruments DLP2000 Datasheet HTML 9Page - Texas Instruments DLP2000 Datasheet HTML 10Page - Texas Instruments DLP2000 Datasheet HTML 11Page - Texas Instruments DLP2000 Datasheet HTML 12Page - Texas Instruments DLP2000 Datasheet HTML 13Page - Texas Instruments DLP2000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
DLP2000
DLPS140 – APRIL 2019
www.ti.com
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Refer to Figure 2 and Figure 3.
(2)
Refer to Figure 4 and Figure 5.
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
tr
Rise time (1)
20% to 80% DCLK
2.5
ns
tf
Fall time (1)
80% to 20% DCLK
2.5
ns
tr
Rise time (2)
20% to 80% DATA(11:0), SCTRL,
LOADB
2.5
ns
tf
Fall time (2)
80% to 20% DATA(11:0), SCTRL,
LOADB
2.5
ns
tc
Cycle time (1)
50% to 50% DCLK
12.5
16.67
ns
tw
Pulse duration (1)
50% to 50% DCLK
5
ns
tw
Pulse duration low (1)
50% to 50% LOADB
7
ns
tw
Pulse duration high (1)
50% to 50% DRC_STROBE
7
ns
tsu
Setup time (1)
DATA(11:0) before rising or falling edge
of DCLK
1
ns
tsu
Setup time (1)
SCTRL before rising or falling edge of
DCLK
1
ns
tsu
Setup time (1)
LOADB low before rising edge of DCLK
1
ns
tsu
Setup time (2)
SAC_BUS low before rising edge of
DCLK
2
ns
tsu
Setup time (2)
DRC_BUS high before rising edge of
DCLK
2
ns
tsu
Setup time (1)
DRC_STROBE high before rising edge
of DCLK
2
ns
th
Hold time (1)
DATA(11:0) after rising or falling edge of
DCLK
1
ns
th
Hold time (1)
SCTRL after rising or falling edge of
DCLK
1
ns
th
Hold time (1)
LOADB low after falling edge of DCLK
1
ns
th
Hold time (2)
SAC_BUS low after rising edge of DCLK
2
ns
th
Hold time (2)
DRC_BUS after rising edge of DCLK
2
ns
th
Hold time (1)
DRC_STROBE after rising edge of
DCLK
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com