Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 32Page - Texas Instruments DLP2000 Datasheet HTML 33Page - Texas Instruments DLP2000 Datasheet HTML 34Page - Texas Instruments DLP2000 Datasheet HTML 35Page - Texas Instruments DLP2000 Datasheet HTML 36Page - Texas Instruments DLP2000 Datasheet HTML 37Page - Texas Instruments DLP2000 Datasheet HTML 38Page - Texas Instruments DLP2000 Datasheet HTML 39Page - Texas Instruments DLP2000 Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
VIEW F-F
TEST PADS AND CONNECTOR
(FROM SHEET 1)
VIEW E
WINDOW AND ACTIVE ARRAY
(FROM SHEET 1)
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2510560
3
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
INSTRUMENTS
Dallas Texas
TEXAS
DRAWN
2510560
3
3
D
D
B. HASKETT
8/3/2009
(2.5)
C
(4.8384)
ACTIVE ARRAY
(2.7216)
ACTIVE ARRAY
0.862
0.05
3.701
0.05
(0.0605)
4X
0.242
0.0635
3.016
0.0635
5.027
0.0635
0.244
0.0635
1.019
0.05
6.727
0.05
3
2
(
2.5)
 0.4 A B C
 0.4 A B C
B
0.2 A B C
 0.1A
4
7.746
(
WINDOW)
(5.271)
APERTURE
13.2
20 X 0.66 =
0.836
2X
1.716
3 X 0.572 =
0.369
2X
2.6
(10.2)
0.93
2X
(1.86)
2X
(0.66) TYP.
0.33 TYP.
(0.572) TYP.
21
20
15
10
5
1
4.483
0.075
1.438
0.075
(4.563)
WINDOW
(3.258)
APERTURE
(
2.5)
B
(2.5)
C
54X TEST PADS
0.5
0.1
54X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com