Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 9Page - Texas Instruments DLP2000 Datasheet HTML 10Page - Texas Instruments DLP2000 Datasheet HTML 11Page - Texas Instruments DLP2000 Datasheet HTML 12Page - Texas Instruments DLP2000 Datasheet HTML 13Page - Texas Instruments DLP2000 Datasheet HTML 14Page - Texas Instruments DLP2000 Datasheet HTML 15Page - Texas Instruments DLP2000 Datasheet HTML 16Page - Texas Instruments DLP2000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Datum 'A' Area (3 places)
Datum 'E' Area (1 place)
DMD Mounting Area (4 places)
Connector Area
13
DLP2000
www.ti.com
DLPS140 – APRIL 2019
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
See Figure 8.
(2)
The structure and qualities of the border around the active array include a band of partially functional micromirrors called the “Pond of
Micromirrors” (POM). These micromirrors are structurally and/or electrically prevented from tilting toward the bright or “on” state but still
require an electrical bias to tilt toward “off.”
(3)
Out of the 8 POM rows on the top and bottom, only the 1 POM row closest to the active array is electrically attached to that reset group.
The other 7 POM rows are attached to a dedicated POM internal reset driver circuit.
Figure 7. System Interface Loads
6.9 Physical Characteristics of the Micromirror Array
PARAMETER
VALUE
UNIT
M
Number of active columns (1)
See Figure 8
640
micromirrors
N
Number of active rows (1)
See Figure 8
360
micromirrors
P
Micromirror (pixel) pitch (1)
See Figure 8
7.56
µm
Micromirror active array width (1)
M × P
4.8384
mm
Micromirror active array height (1)
N × P
2.7216
mm
Micromirror active border (2)(3)
Pond of Micromirrors (POM)
8
micromirrors / side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com