Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 16Page - Texas Instruments DLP2000 Datasheet HTML 17Page - Texas Instruments DLP2000 Datasheet HTML 18Page - Texas Instruments DLP2000 Datasheet HTML 19Page - Texas Instruments DLP2000 Datasheet HTML 20Page - Texas Instruments DLP2000 Datasheet HTML 21Page - Texas Instruments DLP2000 Datasheet HTML 22Page - Texas Instruments DLP2000 Datasheet HTML 23Page - Texas Instruments DLP2000 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
DLP2000
DLPS140 – APRIL 2019
www.ti.com
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Micromirror Array Temperature Calculation (continued)
The electrical power dissipation of the DMD is variable and depends on the voltages, data rates, and operating
frequencies. A nominal electrical power dissipation to use when calculating array temperature is 0.045 watts. The
absorbed power from the illumination source is variable and depends on the operating state of the mirrors and
the intensity of the light source. The equations shown previously are valid for a 1-Chip DMD system with a total
projection efficiency from DMD to screen of 87%.
The conversion constant CL2W is based on DMD micromirror array characteristics. It assumes a spectral
efficiency of 300 lumens/watt for the projected light, and an illumination distribution of 83.7% on the DMD active
array and 16.3% on the DMD array border and window aperture. The conversion constant is calculated to be
0.00293 W/lm.
The following is a sample calculation for a typical projection application:
•
SL = 20 lm
•
TCeramic = 55°C
•
QArray = QELECTRICAL + QILLUMINATION = 0.045 W + (0.00293 W/lm × 20 lm) = 0.1036 W
•
TArray = 55°C + (0.1036 W × 8°C/W) = 55.8°C
7.7 Micromirror Landed-On/Landed-Off Duty Cycle
7.7.1 Definition of Micromirror Landed-On/Landed-Off Duty Cycle
The micromirror landed-on/landed-off duty cycle (landed duty cycle) denotes the amount of time (as a
percentage) that an individual micromirror is landed in the On state versus the amount of time the same
micromirror is landed in the Off state.
As an example, a landed duty cycle of 75/25 indicates that the referenced pixel is in the On state 75% of the time
(and in the Off state 25% of the time), whereas 25/75 would indicate that the pixel is in the On state 25% of the
time. Likewise, 50/50 indicates that the pixel is On 50% of the time and Off 50% of the time.
Note that when assessing landed duty cycle, the time spent switching from one state (ON or OFF) to the other
state (OFF or ON) is considered negligible and is thus ignored.
Since a micromirror can only be landed in one state or the other (On or Off), the two numbers (percentages)
always add to 100.
7.7.2 Landed Duty Cycle and Useful Life of the DMD
Knowing the long-term average landed duty cycle (of the end product or application) is important because
subjecting all (or a portion) of the DMD’s micromirror array (also called the active array) to an asymmetric landed
duty cycle for a prolonged period of time can reduce the DMD’s usable life.
Note that it is the symmetry/asymmetry of the landed duty cycle that is of relevance. The symmetry of the landed
duty cycle is determined by how close the two numbers (percentages) are to being equal. For example, a landed
duty cycle of 50/50 is perfectly symmetrical whereas a landed duty cycle of 100/0 or 0/100 is perfectly
asymmetrical.
7.7.3 Landed Duty Cycle and Operational DMD Temperature
Operational DMD Temperature and Landed Duty Cycle interact to affect the DMD’s usable life, and this
interaction can be exploited to reduce the impact that an asymmetrical Landed Duty Cycle has on the DMD’s
usable life. This is quantified in the de-rating curve shown in Figure 1. The importance of this curve is that:
•
All points along this curve represent the same usable life.
•
All points above this curve represent lower usable life (and the further away from the curve, the lower the
usable life).
•
All points below this curve represent higher usable life (and the further away from the curve, the higher the
usable life).
In practice, this curve specifies the Maximum Operating DMD Temperature that the DMD should be operated at
for a given long-term average Landed Duty Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com