Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 5Page - Texas Instruments DLP2000 Datasheet HTML 6Page - Texas Instruments DLP2000 Datasheet HTML 7Page - Texas Instruments DLP2000 Datasheet HTML 8Page - Texas Instruments DLP2000 Datasheet HTML 9Page - Texas Instruments DLP2000 Datasheet HTML 10Page - Texas Instruments DLP2000 Datasheet HTML 11Page - Texas Instruments DLP2000 Datasheet HTML 12Page - Texas Instruments DLP2000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
DLP2000
www.ti.com
DLPS140 – APRIL 2019
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the package within the temperature range specified in the Recommended Operating Conditions. The total heat load on the
DMD is largely driven by the incident light absorbed by the active area; although other contributions include light energy absorbed by the
window aperture and electrical power dissipation of the array. Optical systems should be designed to minimize the light energy falling
outside the window aperture since any additional thermal load in this area can significantly degrade the reliability of the device.
6.5 Thermal Information
THERMAL METRIC(1)
DLP2000
UNIT
FQC (LGA)
42 PINS
Thermal resistance active area to test point 1 (TP1) (1)
8
°C/W
(1)
Includes LVCMOS pins only.
(2)
LVCMOS input pins do not have Pull-up or Pull-down configurations.
(3)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than 8.75 V.
(4)
When DRC_OEZ = High, the internal reset drivers are tri-stated and IBIAS standby current is 3.8 mA.
(5)
Nominal values are measured with VCC = 1.8 V, VOFFSET = 8.5 V, VBIAS = 16 V, and VRESET = –10 V.
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
VCC = 1.65 V
IOH = –2 mA
1.20
V
VOL
Low level output voltage
VCC = 1.95 V
IOL = –2 mA
0.45
V
IIL
Low level input current (1)(2)
VCC = 1.95 V
VI = 0 V
52
nA
IIH
High level input current (1)(2)
VCC = 1.95 V
VI = 1.95 V
41
nA
CURRENT
ICC
Current at VCC = 1.95 V
DCLK Frequency = 77 MHz
30
mA
IOFFSET
Current at VOFFSET = 8.75 V
(3)
1.5
mA
IBIAS
Current at VBIAS = 16.5 V
(3) (4)
3 Global Resets within time period = 200 µs
1.3
mA
IRESET
Current at VRESET = –10.5 V
3 Global Resets within time period = 200 µs
1.2
mA
POWER
PCC
Power at VCC = 1.95 V
(5)
DCLK Frequency = 77 MHz
26
59
mW
POFFSET
Power at VOFFSET = 8.75 V
(5)
5
13
mW
PBIAS
Power at VBIAS = 16.5 V
(5)
3 Global Resets within time period = 200 µs
9
22
mW
PRESET
Power at VRESET = –10.5 V
(5)
3 Global Resets within time period = 200 µs
4
13
mW
PTOTAL
Supply power dissipation Total
44
107
mW
CAPACITANCE
CIN
Input Capacitance
f = 1 MHz
10
pF
COUT
Output Capacitance
f = 1 MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com