Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 24Page - Texas Instruments DLP2000 Datasheet HTML 25Page - Texas Instruments DLP2000 Datasheet HTML 26Page - Texas Instruments DLP2000 Datasheet HTML 27Page - Texas Instruments DLP2000 Datasheet HTML 28Page - Texas Instruments DLP2000 Datasheet HTML 29Page - Texas Instruments DLP2000 Datasheet HTML 30Page - Texas Instruments DLP2000 Datasheet HTML 31Page - Texas Instruments DLP2000 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
DLP2000
DLPS140 – APRIL 2019
www.ti.com
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
There are no specific layout guidelines for the DMD, however the DMD is typically connected using a board to
board connector with a flex cable. The flex cable provides an interface for data and control signals between the
DLPC2607 controller and the DLP2000 DMD. For detailed layout guidelines refer to the DLPC2607 controller
layout guidelines under PCB design and DMD interface considerations.
Some layout guidelines for the flex cable interface with the DMD are:
•
Minimize the number of layer changes for DMD data and control signals.
•
DMD data and control lines are DDR, whereas DMD_SAC and DMD_DRC lines are single data rate.
Matching the DDR lines is more critical and should take precedence over matching single data rate lines.
•
Figure 14 and Figure 15 show the top and bottom layer of the DMD flex cable connections.
10.2 Layout Example
Figure 14. DMD Flex Cable - Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com