Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 15Page - Texas Instruments DLP2000 Datasheet HTML 16Page - Texas Instruments DLP2000 Datasheet HTML 17Page - Texas Instruments DLP2000 Datasheet HTML 18Page - Texas Instruments DLP2000 Datasheet HTML 19Page - Texas Instruments DLP2000 Datasheet HTML 20Page - Texas Instruments DLP2000 Datasheet HTML 21Page - Texas Instruments DLP2000 Datasheet HTML 22Page - Texas Instruments DLP2000 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
0.60
7.06
TP1 (ceramic)
Window Edge
(4 surfaces)
19
DLP2000
www.ti.com
DLPS140 – APRIL 2019
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Window Characteristics and Optics (continued)
7.5.1.2 Pupil Match
TI’s optical and image quality specifications assume that the exit pupil of the illumination optics is nominally
centered within two degrees of the entrance pupil of the projection optics. Misalignment of pupils can create
objectionable artifacts in the display’s border as well as the active area, which may require additional system
apertures to control, especially if the numerical aperture of the system exceeds the pixel tilt angle.
7.5.1.3 Illumination Overfill
The active area of the device is surrounded by an aperture on the inside DMD window surface that masks
structures of the DMD chip assembly from normal view, and is sized to anticipate several optical operating
conditions. Overfill light illuminating the area outside the active array can create artifacts from the mechanical
features surrounding the active array and other surface anomalies that may be visible on the screen. The
illumination optical system should be designed to limit light flux incident anywhere outside more than 20 pixels
from the edge of the active array on all sides. Depending on the particular system’s optical architecture and
assembly tolerances, this amount of overfill light on the outside of the active array may still cause artifacts to still
be visible.
7.6 Micromirror Array Temperature Calculation
Figure 10. DMD Thermal Test Point
The micromirror array temperature can be computed analytically from measurement points on the outside of the
package, the package thermal resistance, the electrical power dissipation, and the illumination heat load. The
relationship between array temperature and the reference ceramic temperature is provided by the following
equations:
TARRAY = TCERAMIC + (QARRAY × RARRAY–TO–CERAMIC)
(1)
QARRAY = QELECTRICAL + QILLUMINATION
(2)
QILLUMINATION = (CL2W × SL)
•
TARRAY = Computed DMD array temperature (°C)
•
TCERAMIC = Measured ceramic temperature (°C), TP1 location in Figure 10
•
RARRAY–TO–CERAMIC = DMD package thermal resistance from array to outside ceramic (°C/W), specified in
Thermal Information
•
QARRAY = Total DMD power; electrical plus absorbed (calculated) (W)
•
QELECTRICAL = Nominal DMD electrical power dissipation (W)
•
CL2W = Conversion constant for screen lumens to absorbed optical power on the DMD (W/lm)
•
SL = Measured ANSI screen lumens (lm)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com