Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW3643CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
4
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL APPLICATION CIRCUITS
TORCH/TEMP
SW
LED1
IN
VIN
CIN
10μF
10V
COUT
10μF
10V
L 1μH 3A
Flash
LED
AW3643CSR
STROBE
GND
OUT
LED2
D1
HWEN
TX
SDA
SCL
Flash
LED
D2
MCU
Fig 3
AW3643 Application Circuit
Notice for Typical Application Circuits:
1:
Please place CIN,COUT as close to the chip as possible.
2:
Connect the inductor on the top layer close to the SW pin.
3:
For the sake of driving capability, the power lines, output lines, and the connection lines of L and LED
should be short and wide as possible. .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com