Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 28 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 28 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 24Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 25Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 26Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 27Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 28Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 29Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 30Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 31Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 32Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
28
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
IVFM Register (0x02)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
UVLO
Circuitry
0=Disabled
(Default)
1=Enabled
IVFM Levels
000=2.9 V (Default)
001=3.0 V
010=3.1 V
011=3.2 V
100=3.3 V
101=3.4 V
110=3.5 V
111=3.6 V
IVFM
Hysteresis
0=0 mV
(Default)
1=50 mV
IVFM Mode Selection
00=Disabled
01=Stop and Hold Mode
(Default)
10=Down Mode
11=Up and Down Mode
LED1 Flash Brightness Register (0x03)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LED2 Flash Current Override
0=LED2 Flash Current is not set to LED1 Flash
Current
1=LED2 Flash Current is set to LED1 Flash Current
(Default)
LED1 Flash Brightness Levels
IFLASH(mA)≈(Brightness Code*11.72mA)+11.35mA
0000000=11.35 mA
……………
0111111=746.9 mA
(Default)
……………
1111111=1.5 A
LED2 Flash Brightness Register (0x04)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
LED2 Flash Brightness Levels
IFLASH(mA)≈(Brightness Code*11.72mA)+11.35mA
0000000=11.35 mA
……………
0111111=746.9 mA
(Default)
……………
1111111=1.5 A
LED1 Torch Brightness Register (0x05)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LED2 Torch Current Override
0=LED2 Torch Current is not set to LED1 Torch
Current
1=LED2 Torch Current is set to LED1 Torch Current
(Default)
LED1 Torch Brightness Levels
ITORCH(mA)≈(Brightness Code*2.91mA)+2.55mA
0000000=2.55 mA
……………
0111111=186 mA
(Default)
……………
1111111=372 mA
LED2 Torch Brightness Register (0x06)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
LED2 Torch Brightness Levels
ITORCH(mA)≈(Brightness Code*2.91mA)+2.55mA
0000000=2.55 mA
……………
0111111=186 mA
(Default)
……………
1111111=372 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com