Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 29 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 29 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 25Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 26Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 27Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 28Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 29Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 30Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 31Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 32Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 33Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
29
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Boost Configuration Register (0x07)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Software
Reset Bit
0=Not Reset
(Default)
1=Reset
RFU
RFU
RFU
LED Pin
Short Fault
Detect
0=Disabled
1=Enabled
(Default)
Boost Mode
0=Normal
(Default)
1=Pass Mode
Only
Boost
Frequency
Select
0=2 MHz
(Default)
1=4 MHz
Boost
Current Limit
0=1.9A
1=2.8A
(Default)
Timing Configuration Register (0x08)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
Torch Current Ramp time
000=No Ramp
001=1 ms
(Default)
010=32 ms
011=64 ms
100=128 ms
101=256 ms
110=512 ms
111=1024 ms
Flash Time-out Duration
0000=40 ms
0001=80 ms
0010=120 ms
0011=160 ms
0100=200 ms
0101=240 ms
0110=280 ms
0111=320 ms
1000=360 ms
1001=400 ms
1010=600 ms
(Default)
1011=800 ms
1100=1000 ms
1101=1200 ms
1110=1400 ms
1111=1600 ms
Temp Register (0x09)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
TORCH
Polarity
0=Active High
(Default)
(Pull-down
Resister
Enabled)
1=Active Low
(Pull-down
Resister
Disabled)
NTC Open
Fault Enable
0=Disabled
(Default)
1=Enabled
NTC Short
Fault Enable
0=Disabled
(Default)
1=Enabled
TEMP Detect Voltage Thresholds
000=200 mV
001=300 mV
010=400 mV
011=500 mV
100=600 mV
(Default)
101=700 mV
110=800 mV
111=900 mV
TORCH/TEM
P
Function
Select
0=TORCH
(Default)
1=TEMP
Flags1 Register (0x0A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TX Flag
VOUT Short
Fault
LED1 Short
Fault
LED2 Short
Fault
Current Limit
Flag
Thermal
Shutdown
(TSD) Fault
UVLO Fault
Flash
Time-Out
Flag
Flags2 Register (0x0B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
RFU
NTC Short
Fault
NTC Open
Fault
IVFM Trip
Flag
OVP Fault
TEMP Trip
Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com