Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 38 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 38 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 31Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 32Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 33Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 34Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 35Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 36Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 37Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 38Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 39Page - Shanghai awinic technology co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
38
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
REVISION HISTORY
Vision
Date
Change Record
V1.0
April 2016
Product Datasheet V1.0 Released
V1.1
Sep 2016
Added ESD CDM Information
Changed the Device ID Register(0x0C) default value to 0x12
–page26
Changed LED1 Flash Brightness Level 0111111 to 746.9mA
–page27
Changed LED2 Flash Brightness Level 0111111 to 746.9mA
–page27
V1.2
Jan 2017
Added Awinic Flash Led Driver Series
–page3
V1.3
May 2017
Added HWEN & I2C Interface Description
–page17
V1.4
Jan 2018
Add Moisture Sensitivity Level and Environmental Information.
–page3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com