Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 30 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 30 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 26Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 27Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 28Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 29Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 30Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 31Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 32Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 33Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 34Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
30
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Device ID Register (0x0C)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
RFU
Device ID
“010”
Silicon Revision Bits
“010”
Last Flash Register (0x0D)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
The value stored is always the last current value the IVFM detection block set ILED=IFLASH-TARGET*((code+1)/128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com