Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 31 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 31 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 27Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 28Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 29Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 30Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 31Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 32Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 33Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 34Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 35Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
31
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
APPLICATION INFORMATION
The AW3643 can drive two flash LEDs at currents up to 1.5 A per LED. The total allowed LED current
during operation is 1.5A (ILED1+ILED2≤1.5A). The 2MHz/4MHz DC-DC boost regulator allows for the use of
small value discrete external components. Below are some peripheral selection guidelines.
OUTPUT CAPACITOR SELECTION
The AW3643 is designed to operate with a 10µF ceramic output capacitor. When the boost converter is
running, the output capacitor supplies the load current during the boost converter on-time. When the NMOS
switch turns off, the inductor energy is discharged through the internal PMOS switch, supplying power to the
load and restoring charge to the output capacitor. This causes a sag in the output voltage during the on-time
and a rise in the output voltage during the off-time. The output capacitor is therefore chosen to limit the output
ripple to an acceptable level depending on load current and input/output voltage differentials and also to
ensure the converter remains stable.
Larger capacitors such as a 22µF or capacitors in parallel can be used if lower output voltage ripple is desired.
To estimate the output voltage ripple considering the ripple due to capacitor discharge (ΔVQ) and the ripple
due
to the capacitors ESR (ΔVESR) use the following equations:
For continuous conduction mode, the output voltage ripple due to the capacitor discharge is:
()
OUT
IN
LED
Q
OUT
OUT
V
V
I
V
V
f
C



The output voltage ripple due to the output capacitors ESR is found by:
2
OUT
LED
L
ESR
ESR
IN
VI
I
VR
V



Where
()
IN
OUT
IN
L
OUT
V
V
V
I
V
f
L



In ceramic capacitors the ESR is very low so the assumption is that 80% of the output voltage ripple is due to
capacitor discharge and 20% from ESR. Table 1 lists different manufacturers for various output capacitors
and their case sizes suitable for use with the AW3643.
INPUT CAPACITOR SELECTION
Choosing the correct size and type of input capacitor helps minimize the voltage ripple caused by the
switching of the AW3643 boost converter and reduce noise on the boost converter's input pin that can feed
through and disrupt internal analog signals. In the typical application circuit a 10-µF ceramic input capacitor
works well. It is important to place the input capacitor as close as possible to the AW3643 input (IN) pin. This
reduces the series resistance and inductance that can inject noise into the device due to the input switching
currents. Table 1 lists various input capacitors recommended for use with the AW3643.
Table 1
Recommended Input/ Output Capacitors (X5R/X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE
VOLTAGE RATING
TDK
C1608JB0J106M
10μF
0603
6.3V
TDK
C2012JB1A106M
10μF
0805
10V
Murata
GRM188R60J106M
10μF
0603
6.3V
Murata
GRM21BR61A106KE19
10μF
0805
10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com