Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 8 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 8 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
8
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
I2C INTERFACE TIMING
Symbol
Description
Min
Typ
Max
Units
FSCL
Interface Clock frequency
400
kHz
TDEGLITCH
Deglitch time
SCL
200
ns
SDA
250
ns
THD:STA
(Repeat-start) Start condition hold time
0.6
s
TLOW
Low level width of SCL
1.3
s
THIGH
High level width of SCL
0.6
s
TSU:STA
(Repeat-start) Start condition setup time
0.6
s
THD:DAT
Data hold time
0
s
TSU:DAT
Data setup time
0.1
s
TR
Rising time of SDA and SCL
0.3
s
TF
Falling time of SDA and SCL
0.3
s
TSU:STO
Stop condition setup time
0.6
s
TBUF
Time between start and stop condition
1.3
s
SDA
SCL
tBUF
tLOW
tHD:STA
tHD:DAT
tR
tHIGH
tF
tSU:DAT
tSU:STA
tSP
tSU:STO
VIH
VIL
Stop
Stop
Start
Start
VIH
VIL
Fig 4
I2C INTERFACE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com