Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 16 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 16 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
16
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
DETAILED FUNCTIONAL DESCRIPTION
The AW3643 is a high-power white LED flash driver capable of delivering up to 1.5A in either of the two
parallel LEDs. The total allowed LED current during operation is 1.5A (ILED1+ILED2≤1.5A). The device
incorporates a 2MHz or 4MHz constant frequency-synchronous current-mode PWM boost converter and dual
high-side current sources to regulate the LED current over the 2.7V to 5.5V input voltage range.
The AW3643 PWM DC-DC boost converter switches and boosts the output to maintain at least VHR across
each of the current sources (LED1/2). This minimum headroom voltage ensures that both current sources
remain in regulation. If the input voltage is above the LED voltage + current source headroom voltage, the
device would not switch, but turns the PMOS on continuously (Pass mode). In Pass mode the difference
between (VIN
− ILED ×RPMOS) and the voltage across the LED is dropped across the current source.
The AW3643 has three logic inputs including a hardware Flash Enable (STROBE), a hardware Torch Enable
(TORCH/TEMP, TORCH = default), and a Flash Interrupt input (TX) designed to interrupt the flash pulse
during high battery-current conditions. These logic inputs have internal 300
kΩ (typical) pull-down resistors to
GND.
Additional features of the AW3643 include an internal comparator for LED thermal sensing via an external
NTC thermistor and an input voltage monitor that can reduce the Flash current during low VIN conditions. It
also has a Hardware Enable (HWEN) pin that can be used to reset the state of the device and the registers by
pulling the HWEN pin to ground.
Control is done via an I2C-compatible interface. This includes adjustment of the Flash and Torch current
levels, changing the Flash Timeout Duration, and changing the switch current limit. Additionally, there are flag
and status bits that indicate flash current timeout, LED over-temperature condition, LED failure (open/short),
device thermal shutdown, TX interrupt, and VIN under-voltage conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com