Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 9 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 9 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
9
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL CHARACTERISTICS
Ambient temperature is 25°C, input voltage is 3.6 V, HWEN = IN, CIN = COUT = 2×10 µF and L=1 µH, unless
otherwise noted .
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
16
32
48
64
80
96
112
128
LED1 Flash Code (dec#)
Fig 5. LED1 Flash Current vs Brightness Code
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
16
32
48
64
80
96
112
128
LED2 Flash Code (dec#)
Fig 6. LED2 Flash Current vs Brightness Code
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
0
16
32
48
64
80
96
112
128
LED1 Torch Code (dec#)
Fig 7. LED1 Torch Current vs Brightness Code
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
0
16
32
48
64
80
96
112
128
LED2 Torch Code (dec#)
Fig 8. LED2 Torch Current vs Brightness Code
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Fig 9. LED1 Flash Current vs Input Voltage
BRC = 63
BRC = 55
BRC = 47
BRC = 39
BRC = 31
BRC = 23
BRC = 15
BRC = 7
BRC = 0
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Fig 10. LED1 Flash Current vs Input Voltage
BRC = 127
BRC = 119
BRC = 111
BRC = 103
BRC = 95
BRC = 87
BRC = 79
BRC = 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com