Electronic Components Datasheet Search
  English  ▼

X  

AW3643CSR Datasheet(PDF) 33 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 33 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 29Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 30Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 31Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 32Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 33Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 34Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 35Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 36Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 37Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
33
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
PCB LAYOUT
LAYOUT GUIDELINES
The high switching frequency and large switching currents of the AW3643 make the choice of layout important.
The following steps should be used as a reference to ensure the device is stable and maintains proper LED
current regulation across its intended operating voltage and current range.
1.
Place CIN on the top layer (same layer as the AW3643) and as close to the device as possible. The input
capacitor conducts the driver currents during the low-side MOSFET turn-on and turn-off and can detect
current spikes over 1 A in amplitude. Connecting the input capacitor through short, wide traces to both the
IN and GND pins reduces the inductive voltage spikes that occur during switching which can corrupt the
VIN line.
2.
Place COUT on the top layer (same layer as the AW3643) and as close as possible to the OUT and GND
pin. The returns for both CIN and COUT should come together at one point, as close to the GND pin as
possible. Connecting COUT through short, wide traces reduce the series inductance on the OUT and GND
pins that can corrupt the VOUT and GND lines and cause excessive noise in the device and surrounding
circuitry.
3.
Connect the inductor on the top layer close to the SW pin. There should be a low-impedance connection
from the inductor to SW due to the large DC inductor current, and at the same time the area occupied by
the SW node should be small so as to reduce the capacitive coupling of the high dV/dT present at SW
that can couple into nearby traces.
4.
Avoid routing logic traces near the SW node so as to avoid any capacitive coupling from SW onto any
high-impedance logic lines such as TORCH/TEMP, STROBE, HWEN, SDA, and SCL. A good approach
is to insert an inner layer GND plane underneath the SW node and between any nearby routed traces.
This creates a shield from the electric field generated at SW.
5.
Terminate the Flash LED cathodes directly to the GND pin of the AW3643. If possible, route the LED
returns with a dedicated path so as to keep the high amplitude LED currents out of the GND plane. For
Flash LEDs that are routed relatively far away from the AW3643, a good approach is to sandwich the
forward and return current paths over the top of each other on two layers. This helps reduce the
inductance of the LED current paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com