Electronic Components Datasheet Search
  English  ▼

X  

ATS344 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS344
Description  High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS344 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS344 Datasheet HTML 1Page - Allegro MicroSystems ATS344 Datasheet HTML 2Page - Allegro MicroSystems ATS344 Datasheet HTML 3Page - Allegro MicroSystems ATS344 Datasheet HTML 4Page - Allegro MicroSystems ATS344 Datasheet HTML 5Page - Allegro MicroSystems ATS344 Datasheet HTML 6Page - Allegro MicroSystems ATS344 Datasheet HTML 7Page - Allegro MicroSystems ATS344 Datasheet HTML 8Page - Allegro MicroSystems ATS344 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
High-Precision Linear Hall-Effect Sensor IC with Two-Wire
Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
ATS344
3
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Driver
Communications
Hall
Elements
Bandwidth
Select
Clock
Generator
Serial
Decode
Charge
Pump
Serial
Interface
Temperature
Sensor
Temperature
Compensation
Precision
Reference
ADC
ADC
12
12
Analog
Regulator
Digital
Regulator
Analog
Front End
Digital
Subsystem
Master
Control
EEPROM
Control
POR
GND
EEPROM
HV Pulse
Anti-Alias
Filter
A/D
UV/OV
Detection
VCC
ATS344
Output
Polarity
Clamp
PW M
Digital
Sensitivity
and Offset Trim
Scan/
IDDQ
10 nF
CBYPASS
Pinout Diagram
FUNCTIONAL BLOCK DIAGRAM
Terminal List Table
Number
Name
Function
1
VCC
Input power supply and current mode PWM output
2
Test
Pin used for production testing at Allegro
3
GND
Device ground
2
3
1
PINOUT DIAGRAM AND TERMINAL LIST TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com