Electronic Components Datasheet Search
  English  ▼

X  

ATS344 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS344
Description  High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS344 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS344 Datasheet HTML 1Page - Allegro MicroSystems ATS344 Datasheet HTML 2Page - Allegro MicroSystems ATS344 Datasheet HTML 3Page - Allegro MicroSystems ATS344 Datasheet HTML 4Page - Allegro MicroSystems ATS344 Datasheet HTML 5Page - Allegro MicroSystems ATS344 Datasheet HTML 6Page - Allegro MicroSystems ATS344 Datasheet HTML 7Page - Allegro MicroSystems ATS344 Datasheet HTML 8Page - Allegro MicroSystems ATS344 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
High-Precision Linear Hall-Effect Sensor IC with Two-Wire
Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
ATS344
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
20
V
Reverse Supply Voltage
VRCC
–20
V
Forward Supply Current
ICC
30
mA
Reverse Supply Current
IRCC
–30
mA
Operating Ambient Temperature
TA
L temperature range
–40 to 150
°C
Maximum Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 165
°C
RoHS
COMPLIANT
SELECTION GUIDE
Part Number
Package
Packing [1]
Leadframe Plating
ATS344LSPTN-T
3-pin SIP
13-inch reel
100% matte tin
[1]
Contact Allegro™ for additional packing options
THERMAL CHARACTERISTICS: May require derating at maximum conditions; see application information
Characteristic
Symbol
Test Conditions [2]
Value
Units
Package Thermal Resistance
RθJA
Single-sided PCB, copper limited to solder pads, 2 pins (center pin removed)
159
°C/W
Single-sided PCB, copper limited to solder pads, 3 pins
146
°C/W
[2]
Additional information is available on the Allegro website.
With on-board EEPROM and advanced signal processing
functions, the ATS344 provides an unmatched level of customer
reprogrammable options for characteristics such as gain and offset,
bandwidth, and output clamps. In addition, the device supports
separate hot and cold temperature compensation.
The ATS344 in the 3-pin SIP package (SP suffix)
complies with the requirements of EU Directive
2002/95/EC (RoHS) and 2011/65/EU (RoHS II),
amended by 2015/863/EU, on the Restriction of the
use of certain Hazardous Substances in electrical and electronic
equipment. The package contains an integrated SmCo rare-earth
pellet.
DESCRIPTION (continued)
Table of Contents
Features and Benefits
........................................................... 1
Description
.......................................................................... 1
Package
............................................................................. 1
Selection Guide
................................................................... 2
Absolute Maximum Ratings
................................................... 2
Thermal Characteristics
........................................................ 2
Functional Block Diagram
..................................................... 3
Pinout Diagram and Terminal List
........................................... 3
Electrical Characteristics
....................................................... 4
Magnetic Characteristics
....................................................... 5
Programmable Characteristics
............................................... 6
Reference Target Characteristics
........................................... 8
Functional Description
........................................................ 10
Digital Signal Processing
................................................. 10
Protection Features
......................................................... 12
Typical Application
.......................................................... 13
Programmable Serial Interface
............................................. 14
Transaction Types
........................................................... 14
Writing the Access Code
.................................................. 14
Reading from EEPROM
................................................... 15
Error Checking
............................................................... 15
Timing Diagrams
................................................................ 16
Serial Write to Volatile Memory
......................................... 16
Serial Write to EEPROM
.................................................. 17
Serial Read from EEPROM
.............................................. 18
Serial Access Timeout
..................................................... 19
Serial Interface Message Structure
....................................... 21
Output Protocol
.................................................................. 24
PWM Output
.................................................................. 24
EEPROM Structure
............................................................ 25
EEPROM Customer-Programmable Parameter Reference
... 26
Definitions of Terms
............................................................ 33
Package Outline Drawing
.................................................... 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com