Electronic Components Datasheet Search
  English  ▼

X  

ATS344 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS344
Description  High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS344 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS344 Datasheet HTML 1Page - Allegro MicroSystems ATS344 Datasheet HTML 2Page - Allegro MicroSystems ATS344 Datasheet HTML 3Page - Allegro MicroSystems ATS344 Datasheet HTML 4Page - Allegro MicroSystems ATS344 Datasheet HTML 5Page - Allegro MicroSystems ATS344 Datasheet HTML 6Page - Allegro MicroSystems ATS344 Datasheet HTML 7Page - Allegro MicroSystems ATS344 Datasheet HTML 8Page - Allegro MicroSystems ATS344 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
A to D
Conversion
PWM Current
Modulation
ICC
Bandwidth
and
Temperature
Compensation
...001 10011...
Analog Subsystem
Output Stage
Magnetic
Signal
Hall
Elements
Analog
Amplification
Stage
Sensitivity
and
Fine Offset
Adjustment
Output
Polarity
Clamps
Digital Signal Processing
12-bit
DESCRIPTION
The ATS344 device is a high-precision, back-biased
programmable Hall-effect linear sensor integrated circuit (IC)
withaconf igurablecurrent-modepulse-width-modulatedoutput,
forbothautomotiveandnon-automotiveapplications.Integrated
within the ATS344 are two Hall-effect sensing elements, signal
processing circuitry, and a rare-earth magnetic pellet. The
magnetic pellet provides a common-mode magnetic bias while
theoutputsofthetwosensingelementsaresubtracted,amplified,
andprocessedtoproduceanoutputproportionaltothedifferential
magnetic input signal. The differential magnetic input signal is
typically produced from influence of a ferromagnetic target.
The ATS344 is well-suited for applications that require axial
position sensing of a rotating target.
The signal path of the ATS344 provides flexibility through
externalprogrammingthatallowsthegenerationofanaccurate,
and customized output response from a ferromagnetic target
perturbation. TheATS344 provides up to 10 bits of resolution.
This part is calibrated at the factory to ensure the most stable
response over specified conditions.
The BiCMOS monolithic integrated circuit incorporates two
Hall sensor elements and precision temperature-compensating
circuitry to reduce the intrinsic sensitivity and offset drift or
mismatch of the differential Hall elements. The amplif ication
and analog-to-digital conversion path is designed to ensure
optimal channel matching through the use of proprietary
dynamicoffsetcancellationcircuits,andadvancedactivestress
compensation to reduce lifetime drift.
ATS344S-DS, Rev. 1
MCO-0000355
FEATURES AND BENEFITS
• Magnetic sensor IC with integrated rare-earth pellet
• Two-wire current mode PWM (pulse-width modulation)
output
• Customer-programmable position range selection and
offset, bandwidth, output clamps, and temperature
compensation
• Sensitivity temperature coeff icient and offset drift preset
at Allegro
• Temperature-stable, mechanical stress immune, and
low noise device output via proprietary active stress
compensation and four-phase chopper stabilization
design techniques
• Wide ambient temperature range: –40°C to 150°C
• Operates with 3.75 to 9.5 V supply voltage
• Differential linear signal processing
• AEC-Q100 qualified
High-Precision Linear Hall-Effect Sensor IC with Two-Wire
Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
ATS344
Figure 1: ATS344 Signal Processing Path.
Functions with programmable parameters indicated by double-headed arrows.
PACKAGE: 3-pin SIP (suff ix SP)
Not to scale
August 8, 2018
Continued on next page...


Similar Part No. - ATS344

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS300ASM-1 CTS-ATS300ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS300ASM-1 CTS-ATS300ASM-1 Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS300ASM-1 CTS-ATS300ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS300ASM-1E CTS-ATS300ASM-1E Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS300ASM-1E CTS-ATS300ASM-1E Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS344

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1354 ALLEGRO-A1354 Datasheet
537Kb / 22P
High Precision 2-Wire Linear Hall Effect Sensor IC with Pulse Width Modulated Output
logo
Micronas
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
Linear Hall-Effect Sensor with PWM Output
logo
Allegro MicroSystems
A1357 ALLEGRO-A1357 Datasheet
423Kb / 20P
Two-Wire High Precision Linear Hall-Effect Sensor IC
ATS657 ALLEGRO-ATS657 Datasheet
416Kb / 15P
The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
A1354KKT-T ALLEGRO-A1354KKT-T Datasheet
546Kb / 23P
High Precision 2-Wire Linear Hall Effect Sensor IC With Pulse Width Modulated Output
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
Linear Hall-Effect Sensor with PWM Output
logo
Texas Instruments
DRV5057 TI1-DRV5057 Datasheet
1Mb / 34P
Linear Hall Effect Sensor With PWM Output
logo
Allegro MicroSystems
A1341 ALLEGRO-A1341 Datasheet
1Mb / 53P
High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com