Electronic Components Datasheet Search
  English  ▼

X  

ATS344 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS344
Description  High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS344 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS344 Datasheet HTML 1Page - Allegro MicroSystems ATS344 Datasheet HTML 2Page - Allegro MicroSystems ATS344 Datasheet HTML 3Page - Allegro MicroSystems ATS344 Datasheet HTML 4Page - Allegro MicroSystems ATS344 Datasheet HTML 5Page - Allegro MicroSystems ATS344 Datasheet HTML 6Page - Allegro MicroSystems ATS344 Datasheet HTML 7Page - Allegro MicroSystems ATS344 Datasheet HTML 8Page - Allegro MicroSystems ATS344 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
High-Precision Linear Hall-Effect Sensor IC with Two-Wire
Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
ATS344
4
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ELECTRICAL CHARACTERISTICS: Valid through full operating temperature range, TA, and supply voltage, VCC,
CBYPASS = 10 nF, unless otherwise specif ied
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GENERAL ELECTRICAL CHARACTERISTICS
Supply Voltage [1]
VCC
3.75
–
9.5
V
Supply Current
ICC(LOW)
6
–
10
mA
ICC(HIGH)
13.6
–
16
mA
ICC(HYS)
5.2
–
6.5
mA
Reverse Supply Current
IRCC
VRCC = –20 V, TA = 25°C
–8
–
–
mA
Slew Rate [2]
SL
Refer to the application circuit in Figure 7
7
16
–
mA/µs
Supply Zener Clamp Voltage
VZSUPPLY
ICC = ICC(max) + 3 mA, TA = 25°C
20
–
–
V
Hall Chopping Frequency
fC
TA = 25°C
–
128
–
kHz
Undervoltage Detection [3]
VCC(UV)LOW
3.4
–
–
V
VCC(UV)HIGH
–
–
3.7
V
Overvoltage Detection [3]
VCC(OV)LOW
10.5
–
–
V
VCC(OV)HIGH
–
–
13
V
Output PWM Frequency
fPWM
EEPROM FPWM_DC code 3
850
1000
1150
Hz
Integrated Capacitor
CBYPASS
–
10
–
nF
OUTPUT ELECTRICAL CHARACTERISTICS
PWM Resolution
ResPWM
–
12
–
bits
Power-On Time [4][5]
tPO
BW setting = 500 Hz (EEPROM F3DB_DC = 4)
–
3
–
ms
Signal Path Propagation Delay [4][5]
tSDLY
BW setting = 500 Hz (EEPROM F3DB_DC = 4)
–
3
–
ms
Full Scale Output Range
FSO
–
–
96
%DC
[1]
Supply Voltage is the potential measured between the VCC and GND pins.
[2]
Determined from design and lab characterization on a limited number of samples; not tested in production.
[3]
Refer to section on Protection Features for more information on Undervoltage and Overvoltage Detection.
[4]
Determined from design and lab characterization on a limited number of samples; not tested in production.
[5]
See Def initions of Terms section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com