Electronic Components Datasheet Search
  English  ▼

X  

ATS344 Datasheet(PDF) 28 Page - Allegro MicroSystems

Part # ATS344
Description  High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS344 Datasheet(HTML) 28 Page - Allegro MicroSystems

Back Button ATS344 Datasheet HTML 24Page - Allegro MicroSystems ATS344 Datasheet HTML 25Page - Allegro MicroSystems ATS344 Datasheet HTML 26Page - Allegro MicroSystems ATS344 Datasheet HTML 27Page - Allegro MicroSystems ATS344 Datasheet HTML 28Page - Allegro MicroSystems ATS344 Datasheet HTML 29Page - Allegro MicroSystems ATS344 Datasheet HTML 30Page - Allegro MicroSystems ATS344 Datasheet HTML 31Page - Allegro MicroSystems ATS344 Datasheet HTML 32Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
High-Precision Linear Hall-Effect Sensor IC with Two-Wire
Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
ATS344
28
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Table 15: OUTDRV_CFG: Address 0x1E, bit 20:18
Function
Output Signal Conf iguration
Sets conf iguration of the output signal slew-rate control. Sets the ramp rate on the gate of the output driver,
thereby changing slew rate at the output.
Syntax
Quantity of bits: 3
Related Commands
Values
Options
Code
Typical Rise Time (ns)
Typical Fall Time (ns)
0
323
331
1
327
389
2
327
389
3
354
560
4
327
389
5
354
560
6
354
560
7
478
761
Examples
Table 16: OUTPUT_INVERT: Address 0x1B, bit 22
Function
Output Polarity Inversion
Inverts the polarity of the device output.
Syntax
Quantity of bits: 1
Related Commands
Values
0:Positive output polarity. Left channel minus Right channel greater than zero.
1:Negative output polarity. Left channel minus Right channel less than zero.
Options
Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com