Electronic Components Datasheet Search
  English  ▼

X  

ATS344 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS344
Description  High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS344 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS344 Datasheet HTML 7Page - Allegro MicroSystems ATS344 Datasheet HTML 8Page - Allegro MicroSystems ATS344 Datasheet HTML 9Page - Allegro MicroSystems ATS344 Datasheet HTML 10Page - Allegro MicroSystems ATS344 Datasheet HTML 11Page - Allegro MicroSystems ATS344 Datasheet HTML 12Page - Allegro MicroSystems ATS344 Datasheet HTML 13Page - Allegro MicroSystems ATS344 Datasheet HTML 14Page - Allegro MicroSystems ATS344 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
High-Precision Linear Hall-Effect Sensor IC with Two-Wire
Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
ATS344
11
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
The programmable parameters determine the output temperature
compensation, YTC, according to the following formula:
YTC (%FSO) = YAD (%FSO)
+ [(TC1SENS (m%/°C) × ΔTA (°C)+
(TC2SENS (m%/°C2) × ΔTA (°C)2]
× YAD (%FSO)
+ TC1_OFFSET (G/°C)
× ΔTA (°C)
(1)
where:
YAD is the input from the analog subsystem via the A-to-D
converter;
TC1SENS is the first-order Sensitivity temperature coefficient, set
by either TC1_SENS_HOT, or TC1_SENS_CLD depending on
TA;
TC2SENS is the second-order Sensitivity temperature coefficient,
set by either TC2_SENS_HOT, or TC2_SENS_CLD depending
on TA;
TC1_OFFSET is the first-order Offset temperature coefficient (to
convert units from G/°C, divide the value by SensInit);
ΔTA is the change in ambient temperature from 25°C (for exam-
ple: at 150°C, ΔTA = 150°C – 25°C = 125°C, or at –40°C,
ΔTA = –40°C – 25°C = –65°C).
FINAL SENSITIVITY (GAIN) ADJUSTMENT
The ATS344 has a programmable parameter to adjust Sensitiv-
ity, SENSDC. The programmable parameter SENSDC, is used in
block 6 of Figure 4, for a fine adjustment of the Sensitivity. The
value of this 12-bit parameter, applied in the digital subsystem,
is multiplied to the factory Sensitivity value (see equation 3). For
example, SENSDC = 0 has a multiplier value of 4, SENSDC =
2047 has multiplier value of 8, and SENSDC = 2048 has a multi-
plier value of approximately 0. Refer to the EEPROM Customer-
Programmable Parameter Reference section for more information
on parameter SENSDC.
OUTPUT OFFSET FINE ADJUSTMENT
The ATS344 DSP subsystem also includes a parameter to adjust
the Quiescent Output, or offset. It is adjusted by the parameter
QVODC that controls the QOUT_FINE value. This program-
mable parameter, QVODC, is used as a fine adjustment to the
Quiescent Output and determines the value for QOUT_FINE, 6
in Figure 4. The value of QVODC is a percentage of the FSO.
It is programmable to add or subtract as much as 50% of FSO.
Refer to the EEPROM Customer-Programmable Parameter
Reference section for more information on parameter QVODC.
The QVODC parameter is programmed in the factory, in order to
be calibrated to a reference target. The customer should reference
and adjust this value.
The output of the digital subsystem, YDA, after applying the
parameters for f ine adjustment of Sensitivity and offset is shown
in equation 3. This value is prior to the clamps.
YDA (%FSO) = SENS_MULT × YTC (%FSO)
+ QOUT_F INE (%FSO)
(2)
Sens (%FSO/G) = SENSDC
× Factory Sensitivity
(3)
where SENS_MULT is the multiplication factor from 0 to 8 set
by the parameter SENSDC. The initial Sensitivity, Sensinit, is
defined with a SENS_MULT default of 4.
OUTPUT POLARITY SETTING
The OUTPUT_INVERT parameter sets the device output signal
polarity with respect to the sensed magnetic response polarity.
The default (0) is depicted in Figure 3, referenced to Figure 2,
where the sensor is moving relative to the target. Setting the
parameter to 1 inverts the output value.
OUTPUT CLAMPS SETTING
The ATS344 digital subsystem contains programmable clamp
features, to adjust the normal operating output range; see 8 in
Figure 4. The ATS344 output clamps are initially set to 0%
and 100% of FSO, for low and high output clamp respectively.
The programmable EEPROM parameters, CLAMP_HIGH and
CLAMP_LOW are available to adjust limits for the normal
operating output. The ATS344 Diagnostic outputs levels are not
bound by these parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com