Electronic Components Datasheet Search
  English  ▼

X  

ATS344 Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # ATS344
Description  High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS344 Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ATS344 Datasheet HTML 11Page - Allegro MicroSystems ATS344 Datasheet HTML 12Page - Allegro MicroSystems ATS344 Datasheet HTML 13Page - Allegro MicroSystems ATS344 Datasheet HTML 14Page - Allegro MicroSystems ATS344 Datasheet HTML 15Page - Allegro MicroSystems ATS344 Datasheet HTML 16Page - Allegro MicroSystems ATS344 Datasheet HTML 17Page - Allegro MicroSystems ATS344 Datasheet HTML 18Page - Allegro MicroSystems ATS344 Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
High-Precision Linear Hall-Effect Sensor IC with Two-Wire
Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
ATS344
15
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Reading from EEPROM
A Read command with the register number is sent from the con-
troller to the ATS344. The device responds with a Read Acknowl-
edge frame. Output is automatically disabled after the Read com-
mand from the controller is received and output is enabled after a
Read Acknowledge command is sent.
C1
C0
C2
Input Data
1x 0
1x 1
0x 2
1x 3 = x3 + x + 1
Figure 9: CRC Calculation
Error Checking
The serial interface uses a cyclic redundancy check (CRC) for
data-bit error checking (synchronization bits are ignored during
the check). The CRC algorithm is based on the polynomial
g(x) = x3 + x + 1
and the calculation is represented graphically in Figure 9. The
trailing 3 bits of a message frame comprise the CRC token. The
CRC is initialized at 111.The trailing 3 bits of a message frame
comprise the CRC token.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com