Electronic Components Datasheet Search
  English  ▼

X  

ATS344 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS344
Description  High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS344 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS344 Datasheet HTML 6Page - Allegro MicroSystems ATS344 Datasheet HTML 7Page - Allegro MicroSystems ATS344 Datasheet HTML 8Page - Allegro MicroSystems ATS344 Datasheet HTML 9Page - Allegro MicroSystems ATS344 Datasheet HTML 10Page - Allegro MicroSystems ATS344 Datasheet HTML 11Page - Allegro MicroSystems ATS344 Datasheet HTML 12Page - Allegro MicroSystems ATS344 Datasheet HTML 13Page - Allegro MicroSystems ATS344 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
High-Precision Linear Hall-Effect Sensor IC with Two-Wire
Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
ATS344
10
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
This section provides descriptions of the operating features and
subsystems of the ATS344. For more information on specif ic
terms, refer to the Def initions of Terms section. Tables of
EEPROM parameter values are provided in the EEPROM Struc-
ture section and EEPROM Customer-Programmable Parameter
Reference.
Digital Signal Processing
TEMPERATURE COMPENSATION
The magnetic properties of materials can be affected by changes
in temperature, even within the rated ambient operating tempera-
ture range, TA. Changes in the differential magnetic input signal
due to temperature variation causes a proportional change in the
device output. The ATS344 features integrated digital tempera-
ture compensation (TC) circuitry that is programmable to reduce
influences of all reproducible externally induced variations. Tem-
perature coefficients for Sensitivity and Offset are programmable
using the corresponding EEPROM parameters.
The ATS344 uses 1st order Magnetic Offset TC to compensate
for output offset drift across the ambient temperature range (see
Figure 5). The programmable parameter, DBOFFDC, is used
to adjust the Magnetic Offset TC. For more information on the
programmable parameter, DBOFFDC, refer to the EEPROM
Customer-Programmable Parameter Reference section.
In addition to the Magnetic Offset TC compensation, the ATS344
also contains features to compensate Sensitivity for variations of
the differential magnetic input signal with temperature. This is
accomplished with segmented 1st and 2nd order Sensitivity TC
that dynamically adjusts the Sensitivity. There are two program-
mable Sensitivity TC segments: temperatures above 25°C, Hot,
and temperatures below 25°C, Cold. Each segment is indepen-
dently programmable with 1st and 2nd order coefficients. See
Table 1 for a list of the programmable parameters and Figure
6 for illustrations of the Sensitivity TC. Refer to the EEPROM
Customer-Programmable Parameter Reference section for more
information.
Output
Polarity
Sensitivity
Multiplier
/Fine
Offset
Adjustment
Figure 4: Signal Path for Digital Subsystem
DBOFF
DC Min
. Settin
g
DBO
FFD
C M
ax. S
ettin
g
DOUT(Q)init
TA
25°C
TC1_OFFSET
Figure 5: The Magnetic Offset Temperature
Compensation Coefficient, TC1_OFFSET
TC1_SENS_HOT
Min. Setting
TC1_S
ENS_
CLD
Min. S
etting
TC1
_SE
NS_
HOT
Max
. Se
tting
TC1_SEN
S_CLD M
ax. Settin
g
ΔSENSinit
TA
TC1SENS
TA
25°C
TC2SENS
25°C
ΔSENSinit
TC2_SE
NS_HO
T Min. S
etting
TC2_S
ENS_C
LD Min
. Settin
g
TC2_
SENS
_HOT
Max.
Settin
g
TC2
_SE
NS_
CLD
Max
. Set
ting
Table 1: Sensitivity Temperature Compensation Parameters
TA Range
< 25°C
> 25°C
1st Order
TC1_SENS_CLD
TC1_SENS_HOT
2nd Order
TC2_SENS_CLD
TC2_SENS_HOT
Figure 6: Sensitivity TC Function:
(upper) first order, (lower) second order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com