Electronic Components Datasheet Search
  English  ▼

X  

ADP3168 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3168
Description  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Datasheet(HTML) 4 Page - Analog Devices

  ADP3168 Datasheet HTML 1Page - Analog Devices ADP3168 Datasheet HTML 2Page - Analog Devices ADP3168 Datasheet HTML 3Page - Analog Devices ADP3168 Datasheet HTML 4Page - Analog Devices ADP3168 Datasheet HTML 5Page - Analog Devices ADP3168 Datasheet HTML 6Page - Analog Devices ADP3168 Datasheet HTML 7Page - Analog Devices ADP3168 Datasheet HTML 8Page - Analog Devices ADP3168 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP3168
Rev. B | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
CURRENT-LIMIT COMPARATOR
ILIMIT Output Voltage
Normal Mode
VILIMIT(NM)
EN > 1.7 V, RILIMIT = 250 kΩ
2.9
3
3.1
V
Shutdown Mode
VILIMIT(SD)
EN > 0.8 V, IILIMIT = −100 µA
400
mV
Output Current, Normal Mode
IILIMIT(NM)
EN > 1.7 V, RILIMIT = 250 kΩ
12
µA
Current-Limit Threshold Voltage
VCL
VCSREF − VCSCOMP, RILIMIT = 250 kΩ
105
125
145
mV
Current-Limit Setting Ratio
VCL/IILIMIT
10.4
mV/µA
DELAY Normal Mode Voltage
VDELAY(NM)
2.9
3
3.1
V
DELAY Overcurrent Threshold
VDELAY(OC)
1.7
1.8
1.9
V
Latch-Off Delay Time
tDELAY
RDELAY = 250 kΩ, CDELAY = 4.7 nF
600
µs
SOFT START
Output Current, Soft-Start Mode
IDELAY(SS)
During startup, DELAY < 2.8 V
15
20
25
µA
Soft-Start Delay Time
tDELAY(SS)
RDELAY = 250 kΩ, CDELAY= 4.7 nF
350
µs
VID code = 011111
ENABLE INPUT
Input Low Voltage
VIL(EN)
0.4
V
Input High Voltage
VIH(EN)
0.8
V
Input Current, Input Voltage Low
IIL(EN)
EN = 0 V
−1
+1
µA
Input Current, Input Voltage High
IIH(EN)
EN = 1.25 V
10
25
µA
POWER-GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output
−200
−250
−325
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to nominal DAC output
90
150
200
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = 4 mA
225
400
mV
Power-Good Delay Time
VID Code Changing
100
250
µs
VID Code Static
200
ns
Crowbar Trip Point
VCROWBAR
Relative to nominal DAC output
90
150
200
mV
Crowbar Reset Point
Relative to FBRTN
450
550
650
mV
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
VID Code Changing
100
250
µs
VID Code Static
400
ns
PWM OUTPUTS
Output Voltage Low
VOL(PWM)
IPWM(SINK) = 400 µA
160
500
mV
Output Voltage High
VOH(PWM)
IPWM(SOURCE) = 400 µA
4.0
5.0
V
SUPPLY
DC Supply Current
5
8
mA
UVLO Threshold Voltage
VUVLO
VCC rising
6.5
6.9
7.3
V
UVLO Hysteresis
0.7
0.9
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com