Electronic Components Datasheet Search
  English  ▼

X  

ADP3168 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3168
Description  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3168 Datasheet HTML 4Page - Analog Devices ADP3168 Datasheet HTML 5Page - Analog Devices ADP3168 Datasheet HTML 6Page - Analog Devices ADP3168 Datasheet HTML 7Page - Analog Devices ADP3168 Datasheet HTML 8Page - Analog Devices ADP3168 Datasheet HTML 9Page - Analog Devices ADP3168 Datasheet HTML 10Page - Analog Devices ADP3168 Datasheet HTML 11Page - Analog Devices ADP3168 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP3168
Rev. B | Page 8 of 24
Table 4. Output Voltage vs. VID Code (X = Don’t Care)
VID4
VID3
VID2
VID1
VID0
VID5
VOUT(NOM)
1
1
1
1
1
X
No CPU
0
1
0
1
0
0
0.8375 V
0
1
0
0
0
0
0.850 V
0
1
0
0
1
0
0.8625 V
0
1
0
0
0
1
0.875 V
0
1
0
0
0
0
0.8875 V
0
0
1
1
1
1
0.900 V
0
0
1
1
1
0
0.9125 V
0
0
1
1
0
1
0.925 V
0
0
1
1
0
0
0.9375 V
0
0
1
0
1
1
0.950 V
0
0
1
0
1
0
0.9625 V
0
0
1
0
0
1
0.975 V
0
0
1
0
0
0
0.9875 V
0
0
0
1
1
1
1.000 V
0
0
0
1
1
0
1.0125 V
0
0
0
1
0
1
1.025 V
0
0
0
1
0
0
1.0375 V
0
0
0
0
1
1
1.050 V
0
0
0
0
1
0
1.0625 V
0
0
0
0
0
1
1.075 V
0
0
0
0
0
0
1.0875 V
1
1
1
1
0
1
1.100 V
1
1
1
1
0
0
1.1125 V
1
1
1
0
1
1
1.125 V
1
1
1
0
1
0
1.1375 V
1
1
1
0
0
1
1.150 V
1
1
1
0
0
0
1.1625 V
1
1
0
1
1
1
1.175 V
1
1
0
1
1
0
1.1875 V
1
1
0
1
0
1
1.200 V
1
1
0
1
0
0
1.2125 V
VID4
VID3
VID2
VID1
VID0
VID5
VOUT(NOM)
1
1
0
0
1
1
1.225 V
1
1
0
0
1
0
1.2375 V
1
1
0
0
0
1
1.250 V
1
1
0
0
0
0
1.2625 V
1
0
1
1
1
1
1.275 V
1
0
1
1
1
0
1.2875 V
1
0
1
1
0
1
1.300 V
1
0
1
1
0
0
1.3125 V
1
0
1
0
1
1
1.325 V
1
0
1
0
1
0
1.3375 V
1
0
1
0
0
1
1.350 V
1
0
1
0
0
0
1.3625 V
1
0
0
1
1
1
1.375 V
1
0
0
1
1
0
1.3875 V
1
0
0
1
0
1
1.400 V
1
0
0
1
0
0
1.4125 V
1
0
0
0
1
1
1.425 V
1
0
0
0
1
0
1.4375 V
1
0
0
0
0
1
1.450 V
1
0
0
0
0
0
1.4625 V
0
1
1
1
1
1
1.475 V
0
1
1
1
1
0
1.4875 V
0
1
1
1
0
1
1.500 V
0
1
1
1
0
0
1.5125 V
0
1
1
0
1
1
1.525 V
0
1
1
0
1
0
1.5375 V
0
1
1
0
0
1
1.550 V
0
1
1
0
0
0
1.5625 V
0
1
0
1
1
1
1.575 V
0
1
0
1
1
0
1.5875 V
0
1
0
1
0
1
1.600 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com