Electronic Components Datasheet Search
  English  ▼

X  

ADP3168 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP3168
Description  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP3168 Datasheet HTML 12Page - Analog Devices ADP3168 Datasheet HTML 13Page - Analog Devices ADP3168 Datasheet HTML 14Page - Analog Devices ADP3168 Datasheet HTML 15Page - Analog Devices ADP3168 Datasheet HTML 16Page - Analog Devices ADP3168 Datasheet HTML 17Page - Analog Devices ADP3168 Datasheet HTML 18Page - Analog Devices ADP3168 Datasheet HTML 19Page - Analog Devices ADP3168 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP3168
Rev. B | Page 16 of 24
INDUCTOR DCR TEMPERATURE CORRECTION
With the inductor’s DCR being used as the sense element and
copper wire being the source of the DCR, one needs to com-
pensate for temperature changes of the inductor’s winding.
Fortunately, copper has a well-known temperature coefficient
(TC) of 0.39%/°C.
If RCS is designed to have an opposite and equal percentage
change in resistance to that of the wire, it cancels the temper-
ature variation of the inductor’s DCR. Due to the nonlinear
nature of NTC thermistors, resistors RCS1 and RCS2 are needed
(see Figure 12) to linearize the NTC and produce the desired
temperature tracking.
CSSUM
18
CSCOMP
PLACE AS CLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW-SIDE MOSFET
17
CSREF
16
ADP3168
CCS
1.8nF
RCS1
RTH
RCS2
KEEP THIS PATH
AS SHORT AS POSSIBLE
AND WELL AWAY FROM
SWITCH NODE LINES
TO
SWITCH
NODES
TO
VOUT
SENSE
RPH1
RPH3
RPH2
Figure 12. Temperature Compensation Circuit Values
The following procedure and expressions yield values to use for
RCS1, RCS2, and RTH (the thermistor value at 25°C) for a given RCS
value.
1.
Select an NTC based on type and value. Because there is no
value yet, start with a thermistor with a value close to RCS.
The NTC should also have an initial tolerance of better
than 5%.
2.
Based on the type of NTC, find its relative resistance
value at two temperatures. The temperatures that work
well are 50°C and 90°C. We will call these resistance values
A (RTH(50°C)/RTH(25°C)) and B (RTH(90°C)/RTH(25°C)). Note that
the NTC’s relative value is always 1 at 25°C.
3.
Find the relative value of RCS required for each of these
temperatures. This is based on the percentage change
needed, which in this example is initially 0.39%/°C.
These are called r1 (1/(1 + TC × (T1 − 25))) and r2
(1/(1 + TC × (T2 − 25))), where TC = 0.0039, T1 = 50°C,
and T2 = 90°C.
4.
Compute the relative values for RCS1, RCS2, and RTH using:
(
)
()
(
)
()
()
(
)
B
A
A
B
B
A
A
B
B
A
B
A
RCS
−
−
γ
×
−
×
−
γ
×
−
×
γ
×
−
×
+
γ
×
−
×
−
×
γ
×
γ
×
−
=
2
1
1
2
2
1
2
1
1
1
1
(
)
2
1
2
1
1
1
1
CS
CS
CS
R
A
R
A
R
−
γ
−
−
−
=
(8)
CS1
CS2
TH
R
R
R
1
1
1
1
−
−
=
5.
Calculate RTH = RTH × RCS, then select the closest value of
thermistor available. Also compute a scaling factor k based
on the ratio of the actual thermistor value used relative to
the computed one:
(
)
()
CALCULATED
TH
ACTUAL
TH
R
R
k =
(9)
6.
Finally, calculate values for RCS1 and RCS2 using Equation 10:
(10)
() (
)
()
2
1
1
CS
CS
CS2
CS
CS
CS1
k
k
R
R
k
R
R
γ
γ
×
+
−
×
=
×
×
=
For this example, RCS has been chosen to be 100 kΩ , so we start
with a thermistor value of 100 kΩ. Looking through available
0603 size thermistors, we find a Vishay NTHS0603N01N1003JR
NTC thermistor with A = 0.3602 and B = 0.09174. From these
we compute RCS1 = 0.3796, RCS2 = 0.7195, and RTH = 1.0751.
Solving for RTH yields 107.51 kΩ, so we choose 100 kΩ, making
k = 0.9302. Finally, we find RCS1 and RCS2 to be 35.3 kΩ and
73.9 kΩ. Choosing the closest 1% resistor values yields a choice
of 35.7 kΩ and 73.2 kΩ.
OUTPUT OFFSET
Intel’s specification requires that at no load the nominal output
voltage of the regulator be offset to a lower value than the
nominal voltage corresponding to the VID code. The offset is
set by a constant current source flowing out of the FB pin (IFB)
and flowing through RB. The value of RB can be found using
Equation 11:
FB
ONL
VID
B
I
V
V
R
−
=
(11)
Ω
k
33
.
1
µA
15
V
480
.
1
V
5
.
1
=
−
=
B
R
The closest standard 1% resistor value is 1.33 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com