Electronic Components Datasheet Search
  English  ▼

X  

ADP3168 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP3168
Description  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP3168 Datasheet HTML 16Page - Analog Devices ADP3168 Datasheet HTML 17Page - Analog Devices ADP3168 Datasheet HTML 18Page - Analog Devices ADP3168 Datasheet HTML 19Page - Analog Devices ADP3168 Datasheet HTML 20Page - Analog Devices ADP3168 Datasheet HTML 21Page - Analog Devices ADP3168 Datasheet HTML 22Page - Analog Devices ADP3168 Datasheet HTML 23Page - Analog Devices ADP3168 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADP3168
Rev. B | Page 23 of 24
LAYOUT AND COMPONENT PLACEMENT
The following guidelines are recommended for optimal
performance of a switching regulator in a PC system. Key layout
issues are illustrated in Figure 18.
12V CONNECTOR
INPUT POWER PLANE
THERMISTOR
OUTPUT
POWER
PLANE
CPU
SOCKET
KEEP-OUT
AREA
KEEP-OUT
AREA
SWITCH NODE
PLANES
KEEP-OUT
AREA
KEEP-OUT
AREA
Figure 18. Layout Recommendations
GENERAL RECOMMENDATIONS
For good results, a PCB with at least four layers is recom-
mended. This should allow the needed versatility for control
circuitry interconnections with optimal placement, power
planes for ground, input, and output power, and wide inter-
connection traces in the rest of the power delivery current
paths. Keep in mind that each square unit of 1 ounce copper
trace has a resistance of ~0.53 mΩ at room temperature.
Whenever high currents are routed between PCB layers, vias
should be used liberally to create several parallel current paths
so that the resistance and inductance introduced by the current
paths is minimized and the via current rating is not exceeded.
If critical signal lines (including the output voltage sense lines
of the ADP3168) must cross through power circuitry, it is best
if a signal ground plane can be interposed between those signal
lines and the traces of the power circuitry. This creates a shield
to minimize noise injection into the signals at the expense of
making signal ground a bit noisier.
An analog ground plane should be used around and under the
ADP3168 as a reference for the components associated with the
controller. This plane should be tied to the nearest output de-
coupling capacitor ground and should not be tied to any other
power circuitry to prevent power currents from flowing in it.
The components around the ADP3168 should be located close
to the controller with short traces. The most important traces to
keep short and away from other traces are the FB and CSSUM
pins. See Figure 18 for details on layout for the CSSUM node.
The output capacitors should be connected as close as possible
to the load (or connector) that receives the power (e.g., a
microprocessor core). If the load is distributed, the capacitors
should also be distributed and generally in proportion to where
the load tends to be more dynamic.
Avoid crossing signal lines over the switching power path loop,
as described next.
POWER CIRCUITRY
The switching power path should be routed on the PCB to
encompass the shortest possible length in order to minimize
radiated switching noise energy (i.e., EMI) and conduction
losses in the board. Failure to take proper precautions often
results in EMI problems for the entire PC system as well as
noise-related operational problems in the power converter
control circuitry. The switching power path is the loop formed
by the current path through the input capacitors and the power
MOSFETs including all interconnecting PCB traces and planes.
Using short and wide interconnection traces is critical in this
path because it minimizes the inductance in the switching loop,
which can cause high energy ringing, and it accommodates the
high current demand with minimal voltage loss.
Whenever a power dissipating component (e.g., a power
MOSFET) is soldered to a PCB, the liberal use of vias, both
directly on the mounting pad and immediately surrounding it,
is recommended. Two important reasons for this are improved
current rating through the vias and improved thermal
performance from vias extended to the opposite side of the
PCB, where a plane can more readily transfer the heat to the air.
Make a mirror image of any pad being used to heat sink the
MOSFETs on the opposite side of the PCB to achieve the best
thermal dissipation to the air around the board. To further
improve thermal performance, use the largest possible pad area.
The output power path should also be routed to encompass a
short distance. The output power path is formed by the current
path through the inductor, the output capacitors, and the load.
For best EMI containment, a solid power ground plane should
be used as one of the inner layers extending fully under all the
power components.
SIGNAL CIRCUITRY
The output voltage is sensed and regulated between the FB pin
and the FBRTN pin, which connects to the signal ground at the
load. To avoid differential mode noise pickup in the sensed
signal, the loop area should be small. Thus the FB and FBRTN
traces should be routed adjacent to each other on top of the
power ground plane back to the controller.
Connect the feedback traces from the switch nodes as close as
possible to the inductor. The CSREF signal should be connected
to the output voltage at the nearest inductor to the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com