Electronic Components Datasheet Search
  English  ▼

X  

ADP3168 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP3168
Description  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP3168 Datasheet HTML 13Page - Analog Devices ADP3168 Datasheet HTML 14Page - Analog Devices ADP3168 Datasheet HTML 15Page - Analog Devices ADP3168 Datasheet HTML 16Page - Analog Devices ADP3168 Datasheet HTML 17Page - Analog Devices ADP3168 Datasheet HTML 18Page - Analog Devices ADP3168 Datasheet HTML 19Page - Analog Devices ADP3168 Datasheet HTML 20Page - Analog Devices ADP3168 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADP3168
Rev. B | Page 17 of 24
COUT SELECTION
The required output decoupling for the regulator is typically
recommended by Intel for various processors and platforms.
One can also use some simple design guidelines to determine
what is required. These guidelines are based on having both
bulk and ceramic capacitors in the system.
The first thing is to select the total amount of ceramic capaci-
tance. This is based on the number and type of capacitor to be
used. The best location for ceramics is inside the socket, with
12 to 18 of size 1206 being the physical limit. Others can be
placed along the outer edge of the socket as well.
Combined ceramic values of 200 µF to 300 µF are recom-
mended, usually made up of multiple 10 µF or 22 µF capacitors.
Select the number of ceramics and then find the total ceramic
capacitance (CZ).
Next, there is an upper limit imposed on the total amount of
bulk capacitance (CX) when one considers the VID on-the-fly
voltage stepping of the output (voltage step VV in time tV with
error of VERR) and a lower limit based on meeting the critical
capacitance for load release for a given maximum load step ∆IO:
()
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
×
×
≥
z
VID
O
O
MIN
x
C
V
R
n
I
L
C
Δ
(12)
() ≤
MAX
x
C
z
O
V
VID
v
VID
V
O
C
L
nKR
V
V
t
V
V
R
nK
L
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
×
×
1
1
2
2
2
(13)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
V
ERR
V
V
n
K
1
where
To meet the conditions of these expressions and transient re-
sponse, the ESR of the bulk capacitor bank (RX) should be less
than two times the droop resistance, RO. If the CX(MIN) is larger
than CX(MAX), the system does not meet the VID on-the-fly
specification and may require the use of a smaller inductor or
more phases (and may have to increase the switching frequency
to keep the output ripple the same).
For our example, 23 10 µF 1206 MLC capacitors (CZ = 230 µF)
were used. The VID on-the-fly step change is 250 mV in 150 µs
with a setting error of 2.5 mV. Solving for the bulk capacitance
yields
()
mF
92
.
5
µF
230
V
5
.
1
Ω
m
3
.
1
3
A
60
nH
600
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
≤
MIN
x
C
()
()
×
×
×
×
×
≤
V
5
.
1
Ω
m
3
.
1
6
.
4
3
mV
250
nH
600
2
2
MAX
x
C
mF
9
.
23
µF
230
1
nH
600
mV
250
Ω
m
3
.
1
6
.
4
3
V
5
.
1
µs
150
1
2
=
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
×
×
+
where k = 4.6
Using eight 820 µF A1-Polys with a typical ESR of 8 mΩ each
yields CX = 6.56 mF with an RX = 1.0 mΩ.
One last check should be made to ensure that the ESL of the
bulk capacitors (LX) is low enough to limit the initial high
frequency transient spike. This is tested using
()
pH
389
Ω
m
3
.
1
µF
230
2 =
×
≤
×
≤
x
z
x
L
R
C
L
(14)
In this example, LX is 375 pH for the eight A1-Polys capacitors,
which satisfies this limitation. If the LX of the chosen bulk
capacitor bank is too large, the number of capacitors must be
increased.
One should note that for this multimode control technique, all
ceramic designs can be used as long as the conditions of
Equations 11, 12, and 13 are satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com