Electronic Components Datasheet Search
  English  ▼

X  

ADP3168 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP3168
Description  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP3168 Datasheet HTML 14Page - Analog Devices ADP3168 Datasheet HTML 15Page - Analog Devices ADP3168 Datasheet HTML 16Page - Analog Devices ADP3168 Datasheet HTML 17Page - Analog Devices ADP3168 Datasheet HTML 18Page - Analog Devices ADP3168 Datasheet HTML 19Page - Analog Devices ADP3168 Datasheet HTML 20Page - Analog Devices ADP3168 Datasheet HTML 21Page - Analog Devices ADP3168 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP3168
Rev. B | Page 18 of 24
POWER MOSFETS
For this example, the N-channel power MOSFETs have been
selected for one high-side switch and two low-side switches per
phase. The main selection parameters for the power MOSFETs
are VGS(TH), QG, CISS, CRSS, and RDS(ON). The minimum gate drive
voltage (the supply voltage to the ADP3418) dictates whether
standard threshold or logic-level threshold MOSFETs must be
used. With VGATE ~10 V, logic-level threshold MOSFETs (VGS(TH)
<2.5 V) are recommended.
The maximum output current IO determines the RDS(ON) require-
ment for the low-side (synchronous) MOSFETs. The ADP3168,
balances currents between phases, thus the current in each low-
side MOSFET is the output current divided by the total number
of MOSFETs (nSF). With conduction losses being dominant, the
following expression shows the total power being dissipated in
each synchronous MOSFET in terms of the ripple current per
phase (IR) and average total output current (IO):
()
( )
SF
DS
SF
R
SF
O
SF
R
n
I
n
n
I
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
−
=
2
2
12
1
1
(15)
Knowing the maximum output current being designed for and
the maximum allowed power dissipation, one can find the
required RDS(ON) for the MOSFET. For D-PAK MOSFETs up to
an ambient temperature of 50°C, a safe limit for PSF is 1 W to
1.5 W at 120°C junction temperature. Thus, for this example
(65 A maximum), we find RDS(SF) (per MOSFET) < 8.7 mΩ.
This RDS(SF) is also at a junction temperature of about 120°C,
so we need to make sure we account for this when making
this selection. For this example, we selected two lower-side
MOSFETs at 7 mΩ each at room temperature, which gives
8.4 mΩ at high temperature.
Another important factor for the synchronous MOSFET is
the input capacitance and feedback capacitance. The ratio
of the feedback to input needs to be small (less than 10%
is recommended) to prevent accidental turn-on of the
synchronous MOSFETs when the switch node goes high.
Also, the time to switch the synchronous MOSFETs off should
not exceed the nonoverlap dead time of the MOSFET driver
(40 ns typical for the ADP3418). The output impedance of
the driver is about 2 Ω and the typical MOSFET input gate
resistances are about 1 Ω to 2 Ω, so a total gate capacitance of
less than 6000 pF should be adhered to. Because there are
two MOSFETs in parallel, the input capacitance for each
synchronous MOSFET should be limited to 3000 pF.
The high-side (main) MOSFET must be able to handle two
main power dissipation components: conduction and switching
losses. The switching loss relates to the amount of time it takes
for the main MOSFET to turn on and off, and to the current
and voltage that are being switched. Basing the switching speed
on the rise and fall time of the gate driver impedance and
MOSFET input capacitance, the following expression provides
an approximate value for the switching loss per main MOSFET,
where nMF is the total number of main MOSFETs:
()
ISS
MF
G
MF
O
CC
SW
MF
S
C
n
n
R
n
I
V
f
P
×
×
×
×
×
×
= 2
(16)
Here, RG is the total gate resistance (2 Ω for the ADP3418 and
about 1 Ω for typical high speed switching MOSFETs, making
RG = 3 Ω) and CISS is the input capacitance of the main
MOSFET. Note that adding more main MOSFETs (nMF) does
not really help the switching loss per MOSFET because the
additional gate capacitance slows switching. The best thing to
reduce switching loss is to use lower gate capacitance devices.
The conduction loss of the main MOSFET is given by the
following, where RDS(MF) is the ON resistance of the MOSFET:
()
(
)
MF
DS
MF
R
MF
MF
C
R
n
I
n
n
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
2
2
O
12
1
I
(17)
Typically, for main MOSFETs, the highest speed (low CISS)
device is preferred, but these usually have higher ON resistance.
Select a device that meets the total power dissipation (about
1.5 W for a single D-PAK) when combining the switching and
conduction losses.
For this example, an Infineon IPD12N03L was selected as the
main MOSFET (three total; nMF = 3), with a CISS = 1460 pF
(max) and RDS(MF) = 14 mΩ (max at TJ = 120°C), and an
Infineon IPD06N03L was selected as the synchronous
MOSFET (six total; nSF = 6), with CISS = 2370 pF (max) and
RDS(SF) = 8.4 mΩ (max at TJ = 120°C). The synchronous
MOSFET CISS is less than 3000 pF, satisfying that requirement.
Solving for the power dissipation per MOSFET at IO = 65 A and
IR = 8.2 A yields 863 mW for each synchronous MOSFET and
1.44 W for each main MOSFET. These numbers work well
considering there is usually more PCB area available for each
main MOSFET vs. each synchronous MOSFET.
One last thing to consider is the power dissipation in the driver
for each phase. This is best described in terms of the QG for the
MOSFETs and is given by the following, where QGMF is the total
gate charge for each main MOSFET and QGSF is the total gate
charge for each synchronous MOSFET:
()
CC
CC
GSF
SF
GMF
MF
SW
DRV
V
I
Q
n
Q
n
n
f
P
×
⎥
⎦
⎤
⎢
⎣
⎡
+
×
+
×
×
×
=
2
(18)
Also shown is the standby dissipation factor (ICC × VCC) for
the driver. For the ADP3418, the maximum dissipation should
be less than 400 mW. For our example, with ICC = 7 mA,
QGMF = 22.8 nC, and QGSF = 34.3 nC, we find 260 mW in each
driver, which is below the 400 mW dissipation limit. See the
ADP3418 data sheet for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com