Electronic Components Datasheet Search
  English  ▼

X  

ADP3168 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP3168
Description  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP3168 Datasheet HTML 15Page - Analog Devices ADP3168 Datasheet HTML 16Page - Analog Devices ADP3168 Datasheet HTML 17Page - Analog Devices ADP3168 Datasheet HTML 18Page - Analog Devices ADP3168 Datasheet HTML 19Page - Analog Devices ADP3168 Datasheet HTML 20Page - Analog Devices ADP3168 Datasheet HTML 21Page - Analog Devices ADP3168 Datasheet HTML 22Page - Analog Devices ADP3168 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADP3168
Rev. B | Page 19 of 24
RAMP RESISTOR SELECTION
The ramp resistor (RR) is used for setting the size of the internal
PWM ramp. The value of this resistor is chosen to provide the
best combination of thermal balance, stability, and transient
response. This expression determines the optimum value:
Ω
k
381
pF
5
Ω
m
2
.
4
5
3
nH
600
2
.
0
3
=
×
×
×
×
=
×
×
×
×
=
R
R
DS
D
R
R
R
C
R
A
L
A
R
(19)
where AR is the internal ramp amplifier gain, AD is the current
balancing amplifier gain, RDS is the total low-side MOSFET ON
resistance, and CR is the internal ramp capacitor value. The
closest standard 1% resistor value is 383 kΩ.
The internal ramp voltage magnitude can be calculated using
()
()
kHz
267
pF
5
Ω
k
383
V
5
.
1
125
.
0
1
2
.
0
1
×
×
×
−
×
=
×
×
×
−
×
=
R
SW
R
R
VID
R
R
V
f
C
R
V
D
A
V
(20)
The size of the internal ramp can be made larger or smaller. If
it is made larger, stability and transient response improve, but
thermal balance degrades. Likewise, if the ramp is made
smaller, thermal balance improves at the sacrifice of transient
response and stability. The factor of three in the denominator of
Equation 19 sets a ramp size that gives an optimal balance for
good stability, transient response, and thermal balance.
COMP PIN RAMP
There is a ramp signal on the COMP pin due to the droop
voltage and output voltage ramps. This ramp amplitude adds to
the internal ramp to produce the following overall ramp signal
at the PWM input.
(
)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
×
−
×
−
=
O
X
SW
R
RT
R
C
f
n
D
n
V
V
1
2
1
(21)
For this example, the overall ramp signal is found to be 0.63 V.
CURRENT-LIMIT SET POINT
To select the current-limit set point, first find the resistor value
for RLIM. The current limit threshold for the ADP3168 is set
with a 3 V source (VLIM) across RLIM with a gain of 10.4 mV/µA
(ALIM). RLIM can be found using the following:
O
LIM
LIM
LIM
LIM
R
I
V
A
R
×
×
=
(22)
For values of RLIM greater than 500 kΩ, the current limit may
be lower than expected, so some adjustment of RLIM may be
needed. Here, ILIM is the average current limit for the output of
the supply. For our example, choosing 120 A for ILIM, we find
RLIM to be 200 kΩ, for which we chose 200 kΩ as the nearest
1% value.
The per-phase current limit described earlier has its limit
determined by the following:
()
()
2
R
MAX
DS
D
BIAS
R
MAX
COMP
PHLIM
I
R
A
V
V
V
I
+
×
−
−
≅
(23)
For the ADP3168, the maximum COMP voltage (VCOMP(MAX)) is
3.3 V, the COMP pin bias voltage (VBIAS) is 1.2 V, and the
current balancing amplifier gain (AD) is 5. Using VR of 0.63 V
and RDS(MAX) of 4.2 mΩ (low-side ON resistance at 150°C), we
find a per-phase limit of 66 A.
This limit can be adjusted by changing the ramp voltage VR, but
make sure not to set the per-phase limit lower than the average
per-phase current (ILIM/n).
There is also a per-phase initial duty cycle limit determined by
()
RT
BIAS
MAX
COMP
MAX
V
V
V
D
D
−
×
=
(24)
For this example, the maximum duty cycle is found to be 0.42.
FEEDBACK LOOP COMPENSATION DESIGN
Optimized compensation of the ADP3168 allows the best
possible response of the regulator’s output to a load change. The
basis for determining the optimum compensation is to make
the regulator and output decoupling appear as an output
impedance that is entirely resistive over the widest possible
frequency range, including dc, and equal to the droop resistance
(RO). With the resistive output impedance, the output voltage
droops in proportion with the load current at any load current
slew rate; this ensures the optimal positioning and allows the
minimization of the output decoupling.
With the multimode feedback structure of the ADP3168, the
feedback compensation must be set to make the converter’s
output impedance, working in parallel with the output
decoupling, meet this goal. There are several poles and zeros
created by the output inductor and decoupling capacitors
(output filter) that need to be compensated for.
A type-three compensator on the voltage feedback is adequate
for proper compensation of the output filter. The expressions
given in Equations 25 to 29 are intended to yield an optimal
starting point for the design; some adjustments may be
necessary to account for PCB and component parasitic effects
(see the Tuning Procedure for the ADP3168).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com