Electronic Components Datasheet Search
  English  ▼

X  

ADP3168 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP3168
Description  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP3168 Datasheet HTML 16Page - Analog Devices ADP3168 Datasheet HTML 17Page - Analog Devices ADP3168 Datasheet HTML 18Page - Analog Devices ADP3168 Datasheet HTML 19Page - Analog Devices ADP3168 Datasheet HTML 20Page - Analog Devices ADP3168 Datasheet HTML 21Page - Analog Devices ADP3168 Datasheet HTML 22Page - Analog Devices ADP3168 Datasheet HTML 23Page - Analog Devices ADP3168 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP3168
Rev. B | Page 22 of 24
AC Loadline Setting
11. Remove dc load from circuit and hook up dynamic load.
12. Hook up scope to output voltage and set to dc coupling
with time scale at 100 µs/div.
13. Set dynamic load for a transient step of about 40 A at 1
kHz with 50% duty cycle.
14. Measure output waveform (may have to use dc offset on
scope to see waveform). Try to use vertical scale of 100
mV/div or finer.
15. This waveform should look something like Figure 15. Use
the horizontal cursors to measure VACDRP and VDCDRP as
shown. Do not measure the undershoot or overshoot that
happens immediately after the step.
VACDRP
VDCDRP
Figure 15. AC Loadline Waveform
16. If the VACDRP and VDCDRP are different by more than a few
millivolts, use Equation 38 to adjust CCS. Parallel different
values to get the right one because there are limited
standard capacitor values available. (Make sure that there
are locations for two capacitors in the layout for this.)
()
()
DCDRP
ACDRP
OLD
CS
NEW
CS
V
V
C
C
×
=
(38)
17. Repeat Steps 11 to 13, making adjustments if necessary.
Once complete, do not change CCS again in the procedure.
18. Set dynamic load step to maximum step size (do not use a
step size larger than needed) and verify that the output
waveform is square (which means VACDRP and VDCDRP are
equal).Make sure load step slew rate and turn-on are set for
a slew rate of ~150 A/µs to 250 A/µs (for example, a load
step of 50 A should take 200 ns to 300 ns) with no overshoot.
Some dynamic loads have an excessive turn-on overshoot if
a minimum current is not set properly. (This is an issue if
using a VTT tool.)
Initial Transient Setting
19. With dynamic load still set at maximum step size, expand
scope time scale to see 2 µs/div to 5 µs/div. The waveform
may have two overshoots and one minor undershoot (see
Figure 16). Here, VDROOP is the final desired value.
VDROOP
VTRAN1
VTRAN2
Figure 16. Transient Setting Waveform
20. If both overshoots are larger than desired, try making the
adjustments described below. (Note: If these adjustments
do not change the response, you are limited by the output
decoupling.) Check the output response each time you
make a change as well as the switching nodes (to make sure
the response is still stable).
a.
Make ramp resistor larger by 25% (RRAMP).
b.
For VTRAN1, increase CB or increase switching
frequency.
c.
For VTRAN2, increase RA and decrease CA by 25%.
21. For load release (see Figure 17), if VTRANREL is larger than
VTRAN1 (see Figure 16), there is not enough output
capacitance. You will either need more capacitance or have
to make the inductor values smaller. (If you change
inductors, you will need to start the design over using the
spreadsheet and this tuning procedure.)
VDROOP
VTRANREL
Figure 17. Transient Setting Waveform
Because the ADP3168 turns off all of the phases (switches
inductors to ground), there is no ripple voltage present during
load release. Thus, you do not have to add headroom for ripple,
allowing your load release VTRANREL to be larger than VTRAN1 by
the amount of ripple and still meet specifications.
If VTRAN1 and VTRANREL are less than the desired final droop, this
implies that capacitors can be removed. When removing
capacitors, check the output ripple voltage as well to make sure
it is still within specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com