Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 14 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 14 Page - Intel Corporation

Back Button LXT9880 Datasheet HTML 10Page - Intel Corporation LXT9880 Datasheet HTML 11Page - Intel Corporation LXT9880 Datasheet HTML 12Page - Intel Corporation LXT9880 Datasheet HTML 13Page - Intel Corporation LXT9880 Datasheet HTML 14Page - Intel Corporation LXT9880 Datasheet HTML 15Page - Intel Corporation LXT9880 Datasheet HTML 16Page - Intel Corporation LXT9880 Datasheet HTML 17Page - Intel Corporation LXT9880 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
14
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
22.
MII1_TXEN
I
Table 3 on page 20
23.
MII1_TXCLK
I
Table 3 on page 20
24.
MII1_TXER
I
Table 3 on page 20
25.
CONFIG1/CF
I/O
Table 11 on page 30
26.
MII1RXER
I
Table 3 on page 20
27.
GND
-
Table 9 on page 28
28.
VCC
-
Table 9 on page 28
29.
MII1_RXCLK
O
Table 3 on page 20
30.
MII1_RXDV
O
Table 3 on page 20
31.
MII1_RXD0
O
Table 3 on page 20
32.
MII1_RXD1
O
Table 3 on page 20
33.
CONFIG/CFG_DT
I
Table 12 on page 41
34.
MII1_RXD2
O
Table 3 on page 20
35.
MII1_RXD3
O
Table 3 on page 20
36.
IR100CFS
A I/O
Table 5 on page 22
37.
IR100CFSBP
A I/O
Table 5 on page 22
38.
IR100SNGL
I/O
Table 5 on page 22
39.
COMP_SEL
AI
Table 5 on page 22
40.
IR100COL
O
Table 5 on page 22
41.
IR100DEN
O
Table 5 on page 22
42.
IR100DV
I/O
Table 5 on page 22
43.
IR100DAT0
I/O
Table 5 on page 22
44.
IR100DAT1
I/O
Table 5 on page 22
45.
IR100DAT2
I/O
Table 5 on page 22
46.
GND
-
Table 9 on page 28
47.
VCC
-
Table 9 on page 28
48.
IR100DAT3
I/O
Table 5 on page 22
49.
IR100DAT4
I/O
Table 5 on page 22
50.
IR100CLK
I/O
Table 5 on page 22
51.
NC
-
Table 11 on page 30
52.
NC
-
Table 11 on page 30
53.
RESET
I
Table 11 on page 30
54.
CLK25
I
Table 11 on page 30
55.
IR10ISO
O
Table 5 on page 22
Table 2.
LXT98x0 Pins, Numeric Order
Pin
Symbol
Type
1,2
Reference
for Full Description
1. Refer to Table 1 for Signal Type definitions.
2. Pins are 5V tolerant, unless indicated.
3. Input must be static; Refer to “LED Pins Multiplexed with
Configuration Inputs” on page 69 for information on pin use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com