Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 33 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 33 Page - Intel Corporation

Back Button LXT9880 Datasheet HTML 29Page - Intel Corporation LXT9880 Datasheet HTML 30Page - Intel Corporation LXT9880 Datasheet HTML 31Page - Intel Corporation LXT9880 Datasheet HTML 32Page - Intel Corporation LXT9880 Datasheet HTML 33Page - Intel Corporation LXT9880 Datasheet HTML 34Page - Intel Corporation LXT9880 Datasheet HTML 35Page - Intel Corporation LXT9880 Datasheet HTML 36Page - Intel Corporation LXT9880 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
33
3.2.2
Forced Operation
A port can be directly configured to operate in either 100BASE-TX or 10BASE-T. When a port is
configured for forced operation, it immediately operates in the selected mode. All links are
established as half-duplex only. As a repeater, the LXT98x0 cannot support full-duplex operation.
3.2.3
Changing Port Speed - Forced
To force a port speed change while operating, the following sequence is required:
• Disable the port(s) to be changed.
• Set PHY Port Control Register to desired speed.
• Perform a Repeater Reset (at Register 144; see Table 83 on page 113. The LXT98x0 does not
read hardware configuration pins).
• Re-enable the port(s).
Note:
Forcing a speed change on any port requires a Repeater Reset.
3.2.4
Link Establishment and Port Connection
Once a port establishes link, the LXT98x0 automatically connects it to the appropriate repeater
state machine. If link loss is detected, the port returns to the auto-negotiation state.
3.2.5
MII Port Configuration
These ports can be set via hardware tie ups/downs to be either 10 Mbps or 100 Mbps. The statistics
for these ports are the same as for the other 10/100 ports, except Isolation, Partition, and Symbol
Error.
3.3
Interface Descriptions
The LXT9880 and LXT9860 devices provide eight and six network interface ports, respectively.
Each port provides a twisted-pair interface. The twisted-pair interface directly supports 100BASE-
TX and 10BASE-T. Ethernet applications and fully complies with IEEE 802.3 standards. A
common termination circuit is used.
3.3.1
Twisted-Pair Interface
The LXT98x0 pinout is optimized for dual-height RJ-45 connectors. The twisted-pair interface for
each port consists of two differential signal pairs — one for transmit and one for receive. The
transmit signal pair is TPOP/TPON, the receive signal pair is TPIP/TPIN.
The transmitter requires magnetics with 1:1 turns ratio. The center tap of the primary side of the
transmit winding must be tied to a quiet VCC for proper operation. When the twisted-pair interface
is disabled, the transmitter outputs are tri-stated.
The receiver requires magnetics with a 1:1 turns ratio, and a load of 100
Ω. When the twisted-pair
port is enabled, the receiver actively biases its inputs to approximately 2.8V. When the twisted-pair
interface is disabled, no biasing is provided. A 4 k
Ω load is always present across the TPIP/TPIN
pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com