Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 53 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 53 Page - Intel Corporation

Back Button LXT9880 Datasheet HTML 49Page - Intel Corporation LXT9880 Datasheet HTML 50Page - Intel Corporation LXT9880 Datasheet HTML 51Page - Intel Corporation LXT9880 Datasheet HTML 52Page - Intel Corporation LXT9880 Datasheet HTML 53Page - Intel Corporation LXT9880 Datasheet HTML 54Page - Intel Corporation LXT9880 Datasheet HTML 55Page - Intel Corporation LXT9880 Datasheet HTML 56Page - Intel Corporation LXT9880 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
53
3.10.1.1
Serial Clock
SERCLK is a bidirectional pin; direction control is provided by the RECONFIG input. If
RECONFIG is High, the LXT98x0 drives SERCLK at 625 kHz. If RECONFIG is Low, SERCLK
is an input, between 0 and 2 MHz. The clock can be stopped after each operation, as long as an idle
(at least 12 ones in a row) is transmitted first.
3.10.1.2
Serial Data I/O
The serial data pins, SRX and STX, should be “logically” tied together using open-collector
buffers. See Figure 23 on page 68. The SRX input is compared with the STX output. If a mismatch
occurs, STX goes to a high impedance. STX is driven on the falling edge of SERCLK. SRX is
sampled on the rising edge.
3.10.2
Read and Write Operations
Data can be read or written in blocks. The LXT98x0 can read the full length field of consecutive
counters with a single access. Block writes are limited to 2 long words.
Normally the network manager directs read and write operations to a specific LXT98x0 device
using a two-part address consisting of HubID and Chip Address.
Note:
In the Header Field, the Chip Address is defined by three bits. The Most Significant Bit (MSB) = 0;
the value of the other two bits is set by pins.
The LXT98x0 responds to an operation within 12 serial controller bit times. In the case of an error
during a transfer, the LXT98x0 does not implement the requested command.
3.10.2.1
SMI Collision Handling
Upon colliding with another packet, the LXT98x0 ceases transmission, based on the bit pattern of
the colliding packets as shown in Figure 12. In the case of a collision, the driver who is sourcing a
0 wins. The LXT98x0 does not retry a response, unless it was an address arbitration packet. In
addition, if an address arbitration packet jumps in during a request/response sequence, before the
addressed LXT98x0 has responded, the addressed LXT98x0 aborts the requested operation.
Note:
The minimum time between packets must be at least 12 bit times with the data set to all ones.
3.10.2.2
SMI Address Match Indication
The LXT98x0 SER_MATCH pin (see Figure 13) indicates detection of a serial command matching
the device Hub ID. Broadcast commands also trigger the SER_MATCH output. Note that the initial
HubID upon power-up or reset is the Broadcast (all ones) address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com