Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 18 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 18 Page - Intel Corporation

Back Button LXT9880 Datasheet HTML 14Page - Intel Corporation LXT9880 Datasheet HTML 15Page - Intel Corporation LXT9880 Datasheet HTML 16Page - Intel Corporation LXT9880 Datasheet HTML 17Page - Intel Corporation LXT9880 Datasheet HTML 18Page - Intel Corporation LXT9880 Datasheet HTML 19Page - Intel Corporation LXT9880 Datasheet HTML 20Page - Intel Corporation LXT9880 Datasheet HTML 21Page - Intel Corporation LXT9880 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
18
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
154.
TPOP8
AO
Table 6 on page 25
155.
VCCR
-
Table 9 on page 28
156.
TPIN8
AI
Table 6 on page 25
157.
TPIP8
AI
Table 6 on page 25
158.
GND
-
Table 9 on page 28
159.
TxSLEW_0
I, PD
Table 6 on page 25
160.
TxSLEW_1
I, PD
Table 6 on page 25
161.
PORT5_LED3
O, OD
Table 8 on page 27
162.
PORT5_LED2
O, OD
Table 8 on page 27
163.
PORT5_LED1
O, OD
Table 8 on page 27
164.
GND
-
Table 9 on page 28
165.
PORT6_LED3
O, OD
Table 8 on page 27
166.
PORT6_LED2
O, OD
Table 8 on page 27
167.
PORT6_LED1
O, OD
Table 8 on page 27
168.
GND
-
Table 9 on page 28
169.
PORT7_LED3
O, OD
Table 8 on page 27
170.
PORT7_LED2
O, OD
Table 8 on page 27
171.
PORT7_LED1
O, OD
Table 8 on page 27
172.
GND
-
Table 9 on page 28
173.
VCC
-
Table 9 on page 28
174.
PORT8_LED3
O, OD
Table 8 on page 27
175.
PORT8_LED2
O, OD
Table 8 on page 27
LEDABGSEL
I3, O-OD/OS
Table 8 on page 27
176.
PORT8_LED1
O, OD
Table 8 on page 27
177.
VCC
-
Table 9 on page 28
178.
N/C
-
Table 11 on page 30
179.
GND
-
Table 9 on page 28
180.
VCC
-
Table 9 on page 28
181.
GND
-
Table 9 on page 28
182.
IRQ
O, OD
Table 11 on page 30
183.
AUTOBLINK/
I
3, O-OD/OS
Table 8 on page 27
ACT10LED
I
3, O-OD/OS
Table 8 on page 27
184.
LEDSEL0
I
3, O-OD/OS
Table 8 on page 27
ACT_100_LED
I
3, O-OD/OS
Table 8 on page 27
Table 2.
LXT98x0 Pins, Numeric Order
Pin
Symbol
Type
1,2
Reference
for Full Description
1. Refer to Table 1 for Signal Type definitions.
2. Pins are 5V tolerant, unless indicated.
3. Input must be static; Refer to “LED Pins Multiplexed with
Configuration Inputs” on page 69 for information on pin use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com