Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 32 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 32 Page - Intel Corporation

Back Button LXT9880 Datasheet HTML 28Page - Intel Corporation LXT9880 Datasheet HTML 29Page - Intel Corporation LXT9880 Datasheet HTML 30Page - Intel Corporation LXT9880 Datasheet HTML 31Page - Intel Corporation LXT9880 Datasheet HTML 32Page - Intel Corporation LXT9880 Datasheet HTML 33Page - Intel Corporation LXT9880 Datasheet HTML 34Page - Intel Corporation LXT9880 Datasheet HTML 35Page - Intel Corporation LXT9880 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
32
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
3.2
Port Configuration
The LXT98x0 powers up in auto-negotiation mode for all twisted-pair ports. Software can monitor
or change the configuration through the PHY Port Control Register.
3.2.1
Auto-Negotiation
All TP ports on power up are configured to establish its link via auto-negotiation. The port and its
link partner establish link conditions by exchanging Fast Link Pulse (FLP) bursts. Each FLP burst
contains 16 bits of data advertising the port’s capabilities. The FLP bursts sent by the port are
maintained in its auto-negotiation advertisement register (Table 71 on page 107). The link partner’s
abilities are stored in the auto-negotiation link partner register (Table 66 on page 104). Status can
be observed in the respective auto-negotiation status register (Table 65 on page 104). Each port has
its own advertisement, link partner advertisement, auto-negotiation expansion, auto-negotiation
status registers, and control register.
The advertisement register is read-only, except for bits 5, 7, and 13. The LXT98x0 can advertise
100 Mbps half-duplex and/or 10 Mbps half-duplex; it never advertises full duplex.
If the link partner does not support auto-negotiation, the LXT98x0 determines link state by
listening for 100 Mbps IDLE symbols or 10 Mbps link pulses. If it detects either of these signals, it
configures the port and updates the status registers appropriately.
Figure 3. Typical LXT988x Managed Repeater Architectures
LXT9880 IC
Device
Management
10BASE-T
Repeater
100BASE-
X
Repeater
LED
Drivers
RMON &
SNMP
Counters
10 Mbps
Backplane
100 Mbps
Backplane
Serial
Port
10/100
PHY
10/100
PHY
MII
MII
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
LXT9880 IC
Device
Management
10BASE-T
Repeater
100BASE-
X
Repeater
LED
Drivers
RMON &
SNMP
Counters
10 Mbps
Backplane
100 Mbps
Backplane
Serial
Port
10/100
PHY
10/100
PHY
MII
MII
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
LXT9880 IC
Device
Management
10BASE-T
Repeater
100BASE-X
Repeater
LED
Drivers
RMON &
SNMP
Counters
10Mbps
Backplane
100Mbps
Backplane
Serial
Port
10/100
PHY
10/100
PHY
MII
MII
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
Serial
Management to
SCC
Buffer
100M Backplane
Buffer
10M Backplane
MII to MII Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com