Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 39 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXT9880 Datasheet HTML 35Page - Intel Corporation LXT9880 Datasheet HTML 36Page - Intel Corporation LXT9880 Datasheet HTML 37Page - Intel Corporation LXT9880 Datasheet HTML 38Page - Intel Corporation LXT9880 Datasheet HTML 39Page - Intel Corporation LXT9880 Datasheet HTML 40Page - Intel Corporation LXT9880 Datasheet HTML 41Page - Intel Corporation LXT9880 Datasheet HTML 42Page - Intel Corporation LXT9880 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
39
3.7
LED Operation
The LXT98x0 drives the most commonly used LEDs directly (see “Direct Drive LEDs” on
page 42). The less frequently used LEDs are optionally driven via a serial bus to inexpensive
Serial-to-Parallel devices (see “Serial LEDs” on this page).
3.7.1
LEDs at Start-up
For approximately 2 seconds after the LXT98x0 is reset, all LEDs are driven to the ON state. This
start-up routine is an LED check.
3.7.2
LED Event Stretching
Short lived LED status events are stretched so they may be observed by the human eye. Refer to the
LED1, 2, 3 Modes section for stretching specifics.
3.7.3
LED Blink Rates
Two programmable blink rates are provided. The default period for the slow blink rate is 1.6s. The
default period is 0.4s for the fast blink rate. These rates may be changed via the LED Timer Control
Register. The slow blink rate is defined by the upper 8 bits and the fast blink rate is defined by the
lower 8 bits of the LED Timer Control Register. Refer to “LED Timer Control Register” on
page 112 for details.
100 Mbps IRB
10 Mbps IRB
IR100CFS
IR10DAT
IR100CFSBP
IR10ENA
IR100DV
IR10COL
IR100CLK
IR10CFS
IR10COLBP
IR10CFSBP
Figure 5. LED Blink Rates
Time
On Solid
Slow Blink
Fast Blink
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com