Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 4 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 4 Page - Intel Corporation

  LXT9880 Datasheet HTML 1Page - Intel Corporation LXT9880 Datasheet HTML 2Page - Intel Corporation LXT9880 Datasheet HTML 3Page - Intel Corporation LXT9880 Datasheet HTML 4Page - Intel Corporation LXT9880 Datasheet HTML 5Page - Intel Corporation LXT9880 Datasheet HTML 6Page - Intel Corporation LXT9880 Datasheet HTML 7Page - Intel Corporation LXT9880 Datasheet HTML 8Page - Intel Corporation LXT9880 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
4
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
3.8
IRB Operation ..................................................................................................... 47
3.8.1
IRB Signal Types ................................................................................... 48
3.8.2
IRB Isolation ........................................................................................... 48
3.8.3
10 Mbps-Only Operation ........................................................................ 48
3.8.3.1 MAC IRB Access....................................................................... 48
3.8.3.2 Management Master Chain Arbitration...................................... 48
3.8.4
LXT98x/91x/98x0 Compatibility.............................................................. 48
3.9
MII Port Operation ............................................................................................... 51
3.9.1
Preamble Handling................................................................................. 51
3.10
Serial Management I/F ........................................................................................ 52
3.10.1 SMI Signals ............................................................................................ 52
3.10.1.1Serial Clock ............................................................................... 53
3.10.1.2Serial Data I/O........................................................................... 53
3.10.2 Read and Write Operations.................................................................... 53
3.10.2.1SMI Collision Handling .............................................................. 53
3.10.2.2SMI Address Match Indication .................................................. 53
3.10.2.3SMI Frame Format .................................................................... 54
3.10.3 Address Assignment Methods ............................................................... 57
3.10.3.1Chain Arbitration Mechanism .................................................... 58
3.10.3.2PROM Arbitration Mechanism................................................... 58
3.10.3.3Address Re-Arbitration .............................................................. 59
3.10.4 Interrupt Functions ................................................................................. 59
3.11
Serial PROM Interface ........................................................................................ 59
3.12
Serial Configuration Interface.............................................................................. 60
4.0
Application Information ................................................................................................. 61
4.1
General Design Guidelines ................................................................................. 61
4.2
Typical Applications ............................................................................................ 62
4.3
Application Circuitry ............................................................................................ 63
4.3.1
Power and Ground ................................................................................. 63
4.3.1.1 Supply Filtering.......................................................................... 63
4.3.1.2 Ground Noise ............................................................................ 63
4.3.1.3 Power and Ground Plane Layout Considerations ..................... 63
4.3.1.4 Chassis Ground......................................................................... 64
4.3.1.5 The RBIAS Pin .......................................................................... 64
4.3.2
MII Terminations .................................................................................... 65
4.3.3
Twisted-Pair Interface ............................................................................ 65
4.3.3.1 Magnetics Information ............................................................... 66
4.3.4
Clock ...................................................................................................... 66
4.3.5
SMI and PROM Circuits ......................................................................... 68
4.3.6
LED Circuits ........................................................................................... 69
4.3.6.1 Direct Drive LEDs...................................................................... 69
4.3.6.2 LED Pins Multiplexed with Configuration Inputs........................ 69
4.3.6.3 Serial LEDs ............................................................................... 70
4.4
Inter-Repeater Backplane Compatibility.............................................................. 71
4.4.1
Local Backplane—3.3V Only ................................................................. 72
4.4.2
Stack Backplane—3.3V or 5V ................................................................ 72
4.4.2.1 3.3V and 5.0V Stacking Boards Cannot Be Mixed.................... 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com