Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 45 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 45 Page - Intel Corporation

Back Button LXT9880 Datasheet HTML 41Page - Intel Corporation LXT9880 Datasheet HTML 42Page - Intel Corporation LXT9880 Datasheet HTML 43Page - Intel Corporation LXT9880 Datasheet HTML 44Page - Intel Corporation LXT9880 Datasheet HTML 45Page - Intel Corporation LXT9880 Datasheet HTML 46Page - Intel Corporation LXT9880 Datasheet HTML 47Page - Intel Corporation LXT9880 Datasheet HTML 48Page - Intel Corporation LXT9880 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
45
3.7.6.2
LED Mode 2
Mode 2 operations are described in Table 16.
Table 16. LED Mode 2 Indications
LED
Operating
Mode
Hardware Control
1
Software
Control
On
Blink
Off
PORTnLED1
Any
10 Mbps:
Port_Enabled,
Link_OK, not
Port_Partitioned
100 Mbps:
Port_Enabled,
Link_OK, not
Port_Partitioned
10 Mbps:
Port_Enabled,
Link_OK, and
Port_Partitioned
(slow blink)
100 Mbps:
Port_Enabled,
Port_Partitioned
(Slow Blink)
Any other state
On, Off or
Fast Blink
via Port
LED
Control
Register
PORTnLED2
Rcv_Activity
(20 ms pulse)
2
N/A
Any other state
N/A
PORTnLED3
Auto-
negotiate
enabled
AUTOBLINK
active
100 Mbps
Link_OK
No Link_OK
(Fast Blink)
10 Mbps
Link_OK
Off via Port
LED
Control
Register
AUTOBLINK
inactive
N/A
Auto-negotiate disabled
100 Mbps mode
selected
(Link_Enabled)
10 Mbps mode
selected
(Link_Enabled)
Collision and
Activity LEDs
Any
The collision and activity LEDs are on a Per Segment
basis. Pulse stretchers are used to extend the on-
time for the LEDs. For every on-cycle of the stretched
LEDs, an off-cycle, with the same period as the on-
cycle, always follows.
The collision LEDs turn on for approximately 120
µs
when the LXT98x0 detects a collision on the
segments. During the time that the LED is on, any
additional collisions are ignored by the collision LED
logic.
The activity LEDs turn on for approximately 4 ms
when the LXT98x0 detects any activity on the
segments. During the time that the LED is on, any
additional activity is ignored by the activity LED logic.
N/A
Manager
Present
Any
N/A
N/A
Always Off
N/A
RPS
RPS_Present,
no RPS_Fault
RPS_Present,
RPS_Fault
(Slow Blink)
Not
RPS_Present
N/A
Global
FAULT
N/A
Any
Port_Partitioned,
any Port Isolated
or
RPS_Fault and
RPS_Present
(Slow Blink)
Any other state
On, off, or
slow blink
via global
LED
Control
Register
1. Refer to Table 14: LED Terms, which defines all key terms used in this section.
2. Receive activity is stretched to a 20 ms wide pulse. For every on-cycle of the stretched LEDs, an off-cycle,
with the same period as the on-cycle, always follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com