Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 48 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 48 Page - Intel Corporation

Back Button LXT9880 Datasheet HTML 44Page - Intel Corporation LXT9880 Datasheet HTML 45Page - Intel Corporation LXT9880 Datasheet HTML 46Page - Intel Corporation LXT9880 Datasheet HTML 47Page - Intel Corporation LXT9880 Datasheet HTML 48Page - Intel Corporation LXT9880 Datasheet HTML 49Page - Intel Corporation LXT9880 Datasheet HTML 50Page - Intel Corporation LXT9880 Datasheet HTML 51Page - Intel Corporation LXT9880 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
48
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
3.8.1
IRB Signal Types
IRB signals can be characterized by the following connection types (For Stacking and Cascading
connections, see Table 19 on page 50):
• Local—connected between devices on the same board
• Stack—connected between boards
• Full—connected between devices in the same board and between boards.
3.8.2
IRB Isolation
The ISOLATE outputs (IR10ISO and IR100ISO) are provided to control the enable pins of external
bidirectional transceivers. In stacking applications, they can be used to isolate one board from the
rest of the stack. Only one device can control these signals. The output states of these pins are
controlled by the Isolate bits in the Repeater Configuration Register.
3.8.3
10 Mbps-Only Operation
3.8.3.1
MAC IRB Access
The MACACTIVE pin allows an external MAC or other digital ASIC to interface directly to the
10 Mbps IRB. When the MACACTIVE pin is asserted, the LXT98x0 drives the IR10CFS and
IR10CFSBP signals on behalf of the external device, allowing it to participate in collision detection
functions.
3.8.3.2
Management Master Chain Arbitration
This daisy chain is provided for correct statistics gathering in 10 Mbps cascaded configurations. In
stacked applications, this daisy chain must be maintained through cascades. In stand-alone
applications, or for the first device in a chain, the MMSTRIN input must be pulled Low for the
management counters to work correctly.
3.8.4
LXT98x/91x/98x0 Compatibility
The LXT98x0 devices feature low-power 3.3V design. The LXT98x and LXT91x devices operate
at 5V and are incompatible with the LXT98x0 devices in cascades. The LXT98x0 devices,
however, are backwards stackable with LXT98x and LXT91x repeaters.
Note:
Refer to “Inter-Repeater Backplane Compatibility” on page 71.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com