Electronic Components Datasheet Search
  English  ▼

X  

LXT9880 Datasheet(PDF) 3 Page - Intel Corporation

Part # LXT9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9880 Datasheet(HTML) 3 Page - Intel Corporation

  LXT9880 Datasheet HTML 1Page - Intel Corporation LXT9880 Datasheet HTML 2Page - Intel Corporation LXT9880 Datasheet HTML 3Page - Intel Corporation LXT9880 Datasheet HTML 4Page - Intel Corporation LXT9880 Datasheet HTML 5Page - Intel Corporation LXT9880 Datasheet HTML 6Page - Intel Corporation LXT9880 Datasheet HTML 7Page - Intel Corporation LXT9880 Datasheet HTML 8Page - Intel Corporation LXT9880 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
Datasheet
3
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Contents
1.0
Other Related Documents….......................................................................................... 11
2.0
Pin Assignments and Signal Descriptions .................................................................. 12
3.0
Functional Description .................................................................................................. 31
3.1
Introduction.......................................................................................................... 31
3.2
Port Configuration ............................................................................................... 32
3.2.1
Auto-Negotiation..................................................................................... 32
3.2.2
Forced Operation ................................................................................... 33
3.2.3
Changing Port Speed - Forced............................................................... 33
3.2.4
Link Establishment and Port Connection ............................................... 33
3.2.5
MII Port Configuration ............................................................................ 33
3.3
Interface Descriptions.......................................................................................... 33
3.3.1
Twisted-Pair Interface ............................................................................ 33
3.3.2
Media Independent Interface.................................................................. 34
3.3.3
Serial Management Interface ................................................................. 34
3.3.4
Serial PROM Interface ........................................................................... 35
3.4
Repeater Operation............................................................................................. 35
3.4.1
100 Mbps Repeater Operation ............................................................... 35
3.4.2
10 Mbps Repeater Operation ................................................................. 36
3.5
Management Support.......................................................................................... 37
3.5.1
Configuration and Status........................................................................ 37
3.5.2
SNMP and RMON Support .................................................................... 37
3.5.3
Source Address Management................................................................ 37
3.6
Requirements ...................................................................................................... 37
3.6.1
Power ..................................................................................................... 37
3.6.2
Clock ...................................................................................................... 38
3.6.3
Bias Resistor .......................................................................................... 38
3.6.4
Reset ...................................................................................................... 38
3.6.5
PROM..................................................................................................... 38
3.6.6
Chip ID ................................................................................................... 38
3.6.7
Management Master I/O Link ................................................................. 38
3.6.8
IRB Bus Pull-ups .................................................................................... 38
3.7
LED Operation..................................................................................................... 39
3.7.1
LEDs at Start-up..................................................................................... 39
3.7.2
LED Event Stretching ............................................................................. 39
3.7.3
LED Blink Rates ..................................................................................... 39
3.7.4
Serial LED Interface ............................................................................... 40
3.7.4.1 Serial Shifting ............................................................................ 40
3.7.4.2 Serial LED Signals .................................................................... 40
3.7.4.3 Activity Graph LEDs .................................................................. 41
3.7.5
Direct Drive LEDs................................................................................... 42
3.7.6
LED Modes............................................................................................. 42
3.7.6.1 LED Mode 1 .............................................................................. 44
3.7.6.2 LED Mode 2 .............................................................................. 45
3.7.6.3 LED Mode 3 .............................................................................. 46
3.7.6.4 LED Mode 4 .............................................................................. 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com