Electronic Components Datasheet Search
  English  ▼

X  

ADV7183ABST Datasheet(PDF) 14 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 10Page - Analog Devices ADV7183ABST Datasheet HTML 11Page - Analog Devices ADV7183ABST Datasheet HTML 12Page - Analog Devices ADV7183ABST Datasheet HTML 13Page - Analog Devices ADV7183ABST Datasheet HTML 14Page - Analog Devices ADV7183ABST Datasheet HTML 15Page - Analog Devices ADV7183ABST Datasheet HTML 16Page - Analog Devices ADV7183ABST Datasheet HTML 17Page - Analog Devices ADV7183ABST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
ADV7183A
Rev. A | Page 14 of 104
SET INSEL[3:0] TO
CONFIGURE ADV7183A TO
DECODE VIDEO FORMAT:
CVBS: 0000
YC: 0110
YPrPb: 1001
USE MANUAL INPUT MUXING
(ADC_SW_MAN_EN, ADC0_SW,
ADC1_SW, ADC2_SW)
SET INSEL[3:0] FOR REQUIRED
MUXING CONFIGURATION
CONNECTING
ANALOG SIGNALS
TO ADV7183A
ADI RECOMMENDED
INPUT MUXING; SEE TABLE 9
YES
NO
Figure 7. Input Muxing Overview
Table 8. Input Channel Switching Using INSEL[3:0]
Description
INSEL[3:0]
Analog Input Pins
Video Format (SDP)
0000*
CVBS1 = AIN1
Composite
0001
CVBS2 = AIN2
Composite
0010
CVBS3 = AIN3
Composite
0011
CVBS4 = AIN4
Composite
0100
CVBS5 = AIN5
Composite
0101
CVBS6 = AIN6
Composite
0110
Y1 = AIN1
YC
C1 = AIN4
YC
0111
Y2 = AIN2
YC
C2 = AIN5
YC
1000
Y3 = AIN3
YC
C3 = AIN6
YC
1001
Y1 = AIN1
YPrPb
PR1 = AIN4
YPrPb
PB1 = AIN5
YPrPb
1010
Y2 = AIN2
YPrPb
PR2 = AIN3
YPrPb
PB2 = AIN6
YPrPb
1011
CVBS7 = AIN7
Composite
1100
CVBS8 = AIN8
Composite
1101
CVBS9 = AIN9
Composite
1110
CVBS10 = AIN10
Composite
1111
CVBS11 = AIN11
Composite
*Default value.
Table 9. Input Channel Assignments
Input
Channel
Pin
No.
ADI Recommended Input Muxing Control
INSEL[3:0]
AIN7
41
CVBS7
AIN1
42
CVBS1
YC1-Y
YPrPb1-Y
AIN8
43
CVBS8
AIN2
44
CVBS2
YC2-Y
YPrPb2-Y
AIN9
45
CVBS9
AIN3
46
CVBS3
YC3-Y
YPrPb2-Pb
AIN10
57
CVBS10
AIN4
58
CVBS4
YC1-C
YPrPb1-Pb
AIN11
59
CVBS11
AIN5
60
CVBS5
YC2-C
YPrPb1-Pr
AIN12
61
Not Available
AIN6
62
CVBS6
YC3-C
YPrPb2-Pr
ADI recommended input muxing is designed to minimize
crosstalk between signal channels and to obtain the highest
level of signal integrity. Table 9 summarizes how PCB layout
should connect analog video signals to the ADV7183A.
Notes
•
It is strongly recommended to connect any unused analog
input pins to AGND to act as a shield.
•
Inputs AIN7 to AIN11 should be connected to AGND in
cases where only six input channels are used. This will
improve the quality of the sampling due to better isolation
between the channels.
•
AIN12 is not under the control of INSEL[3:0]. It can only
be routed to ADC0/ADC1/ADC2 by manual muxing. See
Table 10 for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com