Electronic Components Datasheet Search
  English  ▼

X  

ADV7183ABST Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 14Page - Analog Devices ADV7183ABST Datasheet HTML 15Page - Analog Devices ADV7183ABST Datasheet HTML 16Page - Analog Devices ADV7183ABST Datasheet HTML 17Page - Analog Devices ADV7183ABST Datasheet HTML 18Page - Analog Devices ADV7183ABST Datasheet HTML 19Page - Analog Devices ADV7183ABST Datasheet HTML 20Page - Analog Devices ADV7183ABST Datasheet HTML 21Page - Analog Devices ADV7183ABST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
ADV7183A
Rev. A | Page 18 of 104
Drive Strength Selection (Clock)
DR_STR_C[1:0] Address 0x0E, [3:2]
The DR_STR_C[1:0] bits can be used to select the strength of
the clock signal output driver (LLC pin). For more information,
refer to the following sections:
•
Drive Strength Selection (Sync)
•
Drive Strength Selection (Data)
Table 21. DR_STR Function
DR_STR[1:0]
Description
00
Low drive strength (1×).
01*
Medium low drive strength (2×).
10
Medium high drive strength (3×).
11
High drive strength (4×).
*Default value.
Drive Strength Selection (Sync)
DR_STR_S[1:0] Address 0x0E, [1:0]
The DR_STR_S[1:0] bits allow the user to select the strength of
the synchronization signals with which HS, VS, and F are
driven. For more information, refer to the following sections:
•
Drive Strength Selection (Clock)
•
Drive Strength Selection (Data)
Table 22. DR_STR Function
DR_STR[1:0]
Description
00
Low drive strength (1×).
01*
Medium low drive strength (2×).
10
Medium high drive strength (3×).
11
High drive strength (4×).
*Default value.
Enable Subcarrier Frequency Lock Pin
EN_SFL_PIN Address 0x04, [1]
The subcarrier frequency lock pin (SDP, output only) has a
double function: it can also output raw sync-related information
(SogOut). The EN_SFL_PIN bit enables the output of
subcarrier lock information (also known as GenLock) from the
SDP core to an encoder in a decoder-encoder back-to-back
arrangement.
Table 23. EN_SFL_PIN
EN_SFL_PIN
Description
0*
Subcarrier frequency lock output is disabled.
1
Subcarrier frequency lock information is
presented on the SFL pin.
*Default value.
Polarity LLC Pin
PCLK Address 0x37, [0]
The polarity of the clock that leaves the ADV7183A via the
LLC1 and LLC2 pins can be inverted using the PCLK bit. Note
that this inversion affects the clock for SDP.
Changing the polarity of the LLC clock output may be
necessary to meet the setup-and-hold time expectations of
follow-on chips.
Note that this bit also inverts the polarity of the LLC2 clock.
Table 24. PCLK Function
PCLK
Description
0
Invert LLC output polarity.
1*
LLC output polarity normal (as per the Timing
Diagrams)
*Default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com