Electronic Components Datasheet Search
  English  ▼

X  

ADV7183ABST Datasheet(PDF) 20 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 16Page - Analog Devices ADV7183ABST Datasheet HTML 17Page - Analog Devices ADV7183ABST Datasheet HTML 18Page - Analog Devices ADV7183ABST Datasheet HTML 19Page - Analog Devices ADV7183ABST Datasheet HTML 20Page - Analog Devices ADV7183ABST Datasheet HTML 21Page - Analog Devices ADV7183ABST Datasheet HTML 22Page - Analog Devices ADV7183ABST Datasheet HTML 23Page - Analog Devices ADV7183ABST Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
ADV7183A
Rev. A | Page 20 of 104
STATUS 2
STATUS_2[7:0], Address 0x12, [7:0]
Table 28. STATUS 2 Function
STATUS 2 [7:0]
Bit Name
Block
Description
0
MVCS DET
SDP
Detected Macrovision color striping.
1
MVCS T3
SDP
Macrovision color striping protection. Conforms to Type 3 (if high), and Type 2 (if low).
2
MV_PS DET
SDP
Detected Macrovision pseudo Sync pulses.
3
MV_AGC DET
SDP
Detected Macrovision AGC pulses.
4
LL_NSTD
SDP
Line length is nonstandard.
5
FSC_NSTD
SDP
Fsc frequency is nonstandard.
6
Reserved
7
Reserved
STATUS 3
STATUS_3[7:0], Address 0x13, [7:0]
Table 29. STATUS 3 Function
STATUS 3 [7:0]
Bit Name
Block
Description
0
INST_HLOCK
SDP
Horizontal lock indicator (instantaneous).
1
Reserved for future use.
2
Reserved for future use.
3
Reserved for future use.
4
FREE_RUN_ACT
SDP
SDP outputs a blue screen (see theDEF_VAL_AUTO_EN Default Value Automatic Enable (SDP),
Address 0x0C, [1] section).
5
STD_FLD_LEN
SDP
Field length is correct for currently selected video standard.
6
INTERLACED
SDP
Interlaced video detected (field sequence found).
7
PAL_SW_LOCK
SDP
Reliable sequence of swinging bursts detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com