Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 28 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 28 Page - Microchip Technology

Back Button BM83 Datasheet HTML 24Page - Microchip Technology BM83 Datasheet HTML 25Page - Microchip Technology BM83 Datasheet HTML 26Page - Microchip Technology BM83 Datasheet HTML 27Page - Microchip Technology BM83 Datasheet HTML 28Page - Microchip Technology BM83 Datasheet HTML 29Page - Microchip Technology BM83 Datasheet HTML 30Page - Microchip Technology BM83 Datasheet HTML 31Page - Microchip Technology BM83 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Figure 3-19. THD+N Ratio (dB) Vs. Output Level at Various Loads (Single-ended mode)
3.2.2
ADC Performance
The audio graphs in this section were produced in the following conditions:
• At room temperature
• Using BM83 EVB platform with BM83 module mounted on BM83 Carrier Board
• Input signal = 1KHz sine tone, level sweep across -100dBv to 6dBv, frequency sweep across 20Hz to 20KHz at
1Fs input level
• Analog gain = -3dB; digital gain = 0dB
• A-weighting applied, 22K bandwidth
BM83
Audio Subsystem
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com