Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 38 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 38 Page - Microchip Technology

Back Button BM83 Datasheet HTML 34Page - Microchip Technology BM83 Datasheet HTML 35Page - Microchip Technology BM83 Datasheet HTML 36Page - Microchip Technology BM83 Datasheet HTML 37Page - Microchip Technology BM83 Datasheet HTML 38Page - Microchip Technology BM83 Datasheet HTML 39Page - Microchip Technology BM83 Datasheet HTML 40Page - Microchip Technology BM83 Datasheet HTML 41Page - Microchip Technology BM83 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
Figure 5-2. Power Tree Diagram
Power
Switch
BAT_IN
ADAP_IN
5V
Adapter
SYS_PWR
(4.5 to 5.5V)
3V LDO
LDO31_VIN
LDO31_VO
1.5V Buck
Switching
Regulator
BK_VDD
VDD_IO
BK_O
BK_LX
SAR_VDD
1.2V LDO
PMIC_IN
CLDO_O
RFLDO_O
VDD_CORE
VCC_RF
(1.2V)
(1.28V)
(1.5V)
1.8V Buck
Switching
Regulator
BK_VDD
BK_O
BK_LX
VDDA/
VDDAO
(1.8V)
(3.2 to 4.2V)
5.2
Battery Voltage Monitoring
The BM83 module has a 10-bit Successive Approximation Register (SAR) ADC with dedicated channels for battery
voltage monitoring, adapter detection, multi-button detection and thermal protection. The warning level can be
programmed by using the Config Tool. The ADC provides a granular resolution to enable the external MCU to take
control over the charging process.
The following figures show SK1 and SK2 channel behavior.
Figure 5-3. SK1 Channel
BM83
Power Management Unit
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com