Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 43 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 43 Page - Microchip Technology

Back Button BM83 Datasheet HTML 39Page - Microchip Technology BM83 Datasheet HTML 40Page - Microchip Technology BM83 Datasheet HTML 41Page - Microchip Technology BM83 Datasheet HTML 42Page - Microchip Technology BM83 Datasheet HTML 43Page - Microchip Technology BM83 Datasheet HTML 44Page - Microchip Technology BM83 Datasheet HTML 45Page - Microchip Technology BM83 Datasheet HTML 46Page - Microchip Technology BM83 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
Figure 6-5. Timing Sequence of Power-ON (NACK)
BAT_IN
SYS_PWR
1 ms
Power-
on/initial
idle
Power-on
MCU state
PWR (MFB)
BK_OUT/LDO31_VO
400 ms
RST_N
MCU sends UART command
UART
Command
NACK
Power-on ACK
ACK
BM83 response UART state
Set “Power-on Directly” boot
10 ms
20 ms
Retry, if ACK is not received
200 ms
any
Wait
Maximum: 5 times (1s)
Figure 6-6. Reset Timing Sequence in No Response From Module to Host MCU
PWR (MFB)
MCU sends
UART command
UART
Command
UART
Command
BM83 UART
If no
response
Reset
5000 ms
5000 ms
5000 ms
5000 ms
5000 ms
If the BM83 module does not respond to the host MCU’s UART command, the MCU re-sends the UART command. If
the BM83 module does not respond within 5 secs, the MCU forces the system to reset.
BM83
Application Information
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com