Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 51 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 51 Page - Microchip Technology

Back Button BM83 Datasheet HTML 47Page - Microchip Technology BM83 Datasheet HTML 48Page - Microchip Technology BM83 Datasheet HTML 49Page - Microchip Technology BM83 Datasheet HTML 50Page - Microchip Technology BM83 Datasheet HTML 51Page - Microchip Technology BM83 Datasheet HTML 52Page - Microchip Technology BM83 Datasheet HTML 53Page - Microchip Technology BM83 Datasheet HTML 54Page - Microchip Technology BM83 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
7.2
Module Placement Guidelines
For a Bluetooth-enabled product, the antenna placement affects the overall performance of the system. The antenna
requires free space to radiate RF signals and it must not be surrounded by the ground plane. It is recommended that
the areas underneath the antenna on the host PCB must not contain copper on the top, inner, or bottom layers, as
illustrated in the following figure.
Figure 7-4. Recommended Keep-out Area for PCB Antenna
A low-impedance ground plane ensures the best radio performance (best range, lowest noise). The ground plane can
be extended beyond the minimum recommendation as required for the main Printed Circuit Board (PCB)
Electromagnetic Compatibility (EMC) noise reduction. For the best range performance, keep all external metal at
least 15 mm away from the on-board PCB trace antenna.
The following figure illustrates the example of recommended placement of the BM83 module on a host board for the
best RF performance.
Figure 7-5. Recommended Module Placement
The application board provides a continuous ground plane equal to or greater than the module dimension below the
module PCB. Trace routing is not recommended on the application board top layer underneath the module. Bigger
ground plane is recommended for better antenna range performance. The reference radiation pattern data provided
above uses a BM83 Carrier Board with a dimension of 45 mm x 45 mm. The following figure illustrates the ground
plane placement of BM83 module on the host board. The BM83 FCC/ISED certification requires the host board to
provide a continuous ground plane with minimum size equal to the BM83 module dimension directly beneath the
BM83
PCB Antenna Information
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com